Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT3805EH Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI49FCT3805EH
Description  3.3V, 2 x 1:5 CMOS Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3805EH Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI49FCT3805EH Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3805EH Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3805EH Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3805EH Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3805EH Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3805EH Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3805EH Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3805EH Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PS8492C
09/08/04
PI49FCT3805D/E
3.3V, 2 x 1:5 CMOS Clock Driver
Packaging Mechanical: 20-Pin 300-mil wide SOIC (S)
Packaging Mechanical: 20-Pin 150-mil wide QSOP (Q)
SEATING
PLANE
.050
BSC
1
20
0-8˚
.2914
.2992
X.XX
X.XX
DENOTES CONTROLLING
DIMENSIONS IN MILLIMETERS
7.40
7.60
.496
.511
12.60
12.99
1.27
.0926
.1043
2.35
2.65
.394
.419
10.00
10.65
.0040
.0118
0.10
0.30
.013
.020
0.33
0.51
.010
.029
0.254
0.737
.0091
.0125
0.23
0.32
0.41
1.27
.016
.050
x 45˚
.020
.030
0.508
0.762
REF
.337
.344
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
.150
.157
1
20
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.635
8.56
8.74
1.35
1.75
5.79
6.19
0.41
1.27
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
.058
1.47
.015 x 45˚
0.38
REF
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33


Similar Part No. - PI49FCT3805EH

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3805EH PERICOM-PI49FCT3805EH Datasheet
423Kb / 9P
   3.3V, 2 x 1:5 CMOS Clock Driver
More results

Similar Description - PI49FCT3805EH

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32806 PERICOM-PI49FCT32806 Datasheet
214Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D Datasheet
325Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT32805 PERICOM-PI49FCT32805 Datasheet
425Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805DQEX PERICOM-PI49FCT3805DQEX Datasheet
423Kb / 9P
   3.3V, 2 x 1:5 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO74G38072A POTATO-PO74G38072A Datasheet
481Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
List of Unclassifed Man...
PO74G38072A ETC2-PO74G38072A Datasheet
469Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com