Electronic Components Datasheet Search |
|
RN50C2494DB14 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
RN50C2494DB14 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 5 page Metal Film Resistors, Military, MIL-R-10509 Qualified, Type RN and MIL-PRF-22684 Qualified, Type RL CMF (Military RN and RL) Vishay Dale www.vishay.com For technical questions, contact: ff2bresistors@vishay.com Document Number: 31027 44 Revision: 28-Aug-06 FEATURES • Very low noise (- 40 dB) • Very low voltage coefficient (5 ppm/V) • Controlled temperature coefficient • Flame retardant epoxy coating • Commercial alternatives to military styles are available with higher power ratings. See appropriate catalog or web page Vishay Dale commercial value range: Extended resistance ranges are available in commercial equivalent types. Please contact us by using the email at the bottom of this page. STANDARD ELECTRICAL SPECIFICATIONS MIL STYLE VISHAY DALE MODEL MAXIMUM WORKING VOLTAGE VISHAY DALE® MILITARY APPROVED VALUE RANGE ( Ω) DIELECTRIC STRENGTH VAC MIL-R-10509 CHARACTERISTIC D CHARACTERISTIC C CHARACTERISTIC E MIL-PRF-22684 RN50 CMF50 200 - 10R - 100K 10R - 100K - 450 RN55 CMF55 200 10R - 301K 49R9 - 100K 49R9 - 100K - 450 RN60 CMF60 300 10R - 1M 49R9 - 499K 49R9 - 499K - 500 RN65 CMF65 350 10R - 2M 49R9 - 1M 49R9 - 1M - 900 RN70 CMF70 500 10R - 2.49M 24R9 - 1M 24R9 - 1M - 900 RL07 CMF07 250 -- - 51R - 150K 450 RL20 CMF20 350 -- - 4R3 - 470K 700 TECHNICAL SPECIFICATIONS PARAMETER UNIT CONDITION Voltage Coefficient ppm/V 5 when measured between 10 % and full rated voltage Insulation Resistance Ω≥ 1010 minimum dry; ≥ 108 minimum after moisture test Operating Temperature Range °C - 65/+ 175 (see derating curves for military range) Terminal Strength Ib 5 pound pull test for RL07/RL20; 2 pound pull test for all others Solderability Continuous satisfactory coverage when tested in accordance with MIL-R-10509 and MIL-PRF-22684 |
Similar Part No. - RN50C2494DB14 |
|
Similar Description - RN50C2494DB14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |