Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHAP3381 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PHAP3381
Description  Tact switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHAP3381 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PHAP3381 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAP3381 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAP3381 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAP3381 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHAP3381 Datasheet HTML 10Page - List of Unclassifed Manufacturers PHAP3381 Datasheet HTML 11Page - List of Unclassifed Manufacturers PHAP3381 Datasheet HTML 12Page - List of Unclassifed Manufacturers PHAP3381 Datasheet HTML 13Page - List of Unclassifed Manufacturers PHAP3381 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
C-12
APEM
www.apem.com
PHAP33 series
Through-hole tact switches
Microminiature - 6 x 3,5 mm case
C
Horizontal mounting
• Ultra-compact size for board space saving : 6 x 3,5 mm case,
4,3 or 5 mm button height from PCB
• Crimped terminals for direct mounting onto PCB
• Moulded-in terminals for wave soldering
Straight terminals
(.012)
6.50
(.311)
7.90
(.256)
1.00
(.039)
1.50
(.059)
3.50
(.138)
0.30
3.00
(.118)
6.00
(.236)
(.049 DIA)
Ø1.25
1
2
1
2
Model No
Model No
Dim. «L»
PHAP3362
4,3 mm
PHAP3362A
5,0 mm
3.72
(.146)
0.30
(.012)
(.057)
1.45
1.00
(.276)
7.00
5.00
(.197)
2.50
(.098)
(.039)
(.020)
0.50
(.012)
0.30
(.039 DIA)
Ø1.00
(.232)
5.90
Ø1.30
(.051 DIA)
(.098)
2.50
1
2
4
3
2
1
3
4
PHAP3363
Operating force : 1,8N ± 0,5N - Travel : 0,25 mm
Operating force : 1,8N ± 0,5N - Travel : 0,25 mm


Similar Part No. - PHAP3381

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHAP4383V ETC2-PHAP4383V Datasheet
272Kb / 2P
   Momentary or latching action key switches
PHAP4673 ETC2-PHAP4673 Datasheet
272Kb / 2P
   Momentary or latching action key switches
PHAP4683 ETC2-PHAP4683 Datasheet
272Kb / 2P
   Momentary or latching action key switches
More results

Similar Description - PHAP3381

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
   TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
   TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
   TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
   TACT SWITCHES
TP617 HIGHLY-TP617 Datasheet
823Kb / 2P
   TACT SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com