Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74AVC16820AE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74AVC16820AE
Description  2.5V 10-Bit Flip-Flop with Dual and 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16820AE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI74AVC16820AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PI74AVC+16820
2.5V 10-Bit Flip-Flop
w/Dual and 3-State Outputs
7
PS8446E
06/01/06
PARAMETER MEASUREMENT INFORMATION
VCC = 1.8V ±0.15V
Load Circuit
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
Voltage Waveforms Pulse Duration
Notes:
1. CL includes probe and jig capacitance.
2. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
All input impulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50Ω, tR ≤ 2.0ns, tF ≤ 2.0ns.
The outputs are measured one at a time with one transition per measurement.
tPLZ and tPHZ are the same as tdis
tPZL and tPZH are the same as ten
tPLH and tPHL are the same as tpd
Figure 2. Load Circuit and Voltage Waveforms
Voltage Waveforms Setup and Hold Times
Test
S1
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
2 x VCC
GND
1K-ohm
1K-ohm
2xVCC
Open
GND
S1
From Output
Under Test
CL = 30pF
(See Note 1)
Data
Input
tsu
th
VCC/2
VCC
VCC/2
0V
VCC
0V
Timing
Input
VCC/2
Input
tW
VCC/2
VCC
VCC/2
0V
Input
tPLH
tPHL
0V
Output
VOH
VOL
VCC/2
VCC/2
VCC
VCC/2
VCC/2
tPZL
Output
Control
(Low Level
Enabling)
0V
VCC/2
VCC/2
VCC/2
VCC/2
tPLZ
tPHZ
VOL
VCC
0V
tPZH
+ 0.15V
– 0.15V
Output
Waveform 1
S1 at 2 x VCC
(see Note 2)
Output
Waveform 2
S1 at GND
(see Note 2)
VOH
VOH
VOL
VCC
06-0172


Similar Part No. - PI74AVC16820AE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC16821 PERICOM-PI74AVC16821 Datasheet
519Kb / 10P
   2.5V 20-Bit Bus Interface Flip-Flop with 3-State Outputs
More results

Similar Description - PI74AVC16820AE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ALVCH162820 PERICOM-PI74ALVCH162820 Datasheet
272Kb / 5P
   3.3V 10-Bit Flip-Flop with Dual Outputs and 3-State Outputs
logo
Texas Instruments
SN74ALVCH162820 TI-SN74ALVCH162820 Datasheet
126Kb / 9P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
SN74ALVCH16820 TI-SN74ALVCH16820 Datasheet
122Kb / 9P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
SN74ALVCH162820 TI1-SN74ALVCH162820_15 Datasheet
437Kb / 13P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
SN74ALVCH16820 TI1-SN74ALVCH16820_09 Datasheet
317Kb / 12P
[Old version datasheet]   3.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC16821 PERICOM-PI74AVC16821 Datasheet
519Kb / 10P
   2.5V 20-Bit Bus Interface Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74BCT29821 TI-SN74BCT29821 Datasheet
70Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC821 FAIRCHILD-74AC821 Datasheet
79Kb / 8P
   10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
SN74LVC821A TI-SN74LVC821A_08 Datasheet
466Kb / 16P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI1-SN74LVC821A_15 Datasheet
629Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com