Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F62X Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC16F62X
Description  Silicon/Data Sheet Errata
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62X Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC16F62X Datasheet HTML 6Page - Microchip Technology PIC16F62X Datasheet HTML 7Page - Microchip Technology PIC16F62X Datasheet HTML 8Page - Microchip Technology PIC16F62X Datasheet HTML 9Page - Microchip Technology PIC16F62X Datasheet HTML 10Page - Microchip Technology PIC16F62X Datasheet HTML 11Page - Microchip Technology PIC16F62X Datasheet HTML 12Page - Microchip Technology PIC16F62X Datasheet HTML 13Page - Microchip Technology PIC16F62X Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PIC16F62X
DS80073F-page 10
© 2002 Microchip Technology Inc.
Clarifications/Corrections to the Data
Sheet:
In the Device Data Sheet (DS40300B), the following
clarifications and corrections should be noted.
1.
Module: T1SYNC (Register T1CON)
The bit T1SYNC in the Register T1CON (address
10h) should be asserted logic low (i.e., T1SYNC).
Table 4-1, page 15, and Table 10-2, page 65, of
DS40300B should be listed as follows:
2.
Module: ADEN (Register RCSTA)
The bit ADEN in Register RCSTA (address 18h),
Table 4-1, is misspelled. The correct spelling
should be ADDEN. This also appears in Figures
and text on pages 72, 79, 80, 81, 82, 83, 84, 85, 86
and 89.
TABLE 4-1:
SPECIAL REGISTERS SUMMARY BANK0
TABLE 10-2:
REGISTERS ASSOCIATED WITH CAPTURE, COMPARE, AND TIMER1
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR Reset
Value on all
other
RESETS(1)
Bank 0
10h
T1CON
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON --00 0000 --uu uuuu
18h
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 -00x 0000 -00x
Legend: x = unknown, u = unchanged, - = unimplemented locations, read as ‘0’, q = value depends on condition,
shaded = unimplemented
Note
1:
Other (non power-up) RESETS include MCLR Reset, Brown-out Detect and Watchdog Timer Reset during normal
operation.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
all other
RESETS
10h
T1CON
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON --00 0000 --uu uuuu
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used by Capture and Timer1.


Similar Part No. - PIC16F62X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F62X MICROCHIP-PIC16F62X Datasheet
1Mb / 160P
   FLASH-Based 8-Bit CMOS Microcontrollers
1999
PIC16F62X MICROCHIP-PIC16F62X Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
2003
PIC16F62X MICROCHIP-PIC16F62X Datasheet
1Mb / 184P
   8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16F62X MICROCHIP-PIC16F62X Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
PIC16F62X-04/P MICROCHIP-PIC16F62X-04/P Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
2003
More results

Similar Description - PIC16F62X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C717 MICROCHIP-PIC16C717_02 Datasheet
81Kb / 6P
   C Silicon/Data Sheet Errata
2002
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
   Silicon Errata and Data Sheet Clarification
2011
PIC18F8720 MICROCHIP-PIC18F8720 Datasheet
289Kb / 12P
   Rev. A4 Silicon/Data Sheet Errata
2005
PIC12C508A-04I MICROCHIP-PIC12C508A-04I Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
PIC12C509A-04-P MICROCHIP-PIC12C509A-04-P Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
   Silicon Errata Sheet
1998 - 1999
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
   KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
   PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC12F508-I-SN MICROCHIP-PIC12F508-I-SN Datasheet
277Kb / 4P
   PIC12F508/509 Rev. A Silicon/Data Sheet Errata
06/25/07
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
   PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com