Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58WR032QB70ZB6 Datasheet(PDF) 11 Page - Numonyx B.V

Part # M58WR032QB70ZB6
Description  16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR032QB70ZB6 Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M58WR032QB70ZB6 Datasheet HTML 7Page - Numonyx B.V M58WR032QB70ZB6 Datasheet HTML 8Page - Numonyx B.V M58WR032QB70ZB6 Datasheet HTML 9Page - Numonyx B.V M58WR032QB70ZB6 Datasheet HTML 10Page - Numonyx B.V M58WR032QB70ZB6 Datasheet HTML 11Page - Numonyx B.V M58WR032QB70ZB6 Datasheet HTML 12Page - Numonyx B.V M58WR032QB70ZB6 Datasheet HTML 13Page - Numonyx B.V M58WR032QB70ZB6 Datasheet HTML 14Page - Numonyx B.V M58WR032QB70ZB6 Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
M58WR016QT, M58WR016QB, M58WR032QT, M58WR032QB
Summary description
11/110
Figure 2.
VFBGA Connections (Top view through package)
1.
Ball B3 is A20 in the M58WR032QT/B and it is Not Connected internally (NC) in the M58WR016QT/B.
Table 2.
M58WR016QT/B Bank architecture
Number
Bank Size
Parameter Blocks
Main Blocks
Parameter Bank
4 Mbits
8 blocks of 4 KWords
7 blocks of 32 KWords
Bank 1
4 Mbits
-
8 blocks of 32 KWords
Bank 2
4 Mbits
-
8 blocks of 32 KWords
Bank 3
4 Mbits
-
8 blocks of 32 KWords
AI09301
DQ1
DQ13
DQ3
DQ12
DQ6
DQ8
D
A1
A3
A6
A9
A12
A15
C
A2
A5
A17
A18
A10
B
A4
A7
A19
VPP
A8
A11
A13
A
8
7
6
5
4
3
2
1
A20
G
F
E
VSS
VDD
K
RP
L
W
A14
WAIT
A16
WP
VDDQ
DQ4
DQ2
E
A0
VSS
DQ15
DQ14
DQ11
DQ10
DQ9
DQ0
G
DQ7
VSSQ
DQ5
VDD
VDDQ
VSSQ
NC
NC


Similar Part No. - M58WR032QB70ZB6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR032E-ZBT STMICROELECTRONICS-M58WR032E-ZBT Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032EB STMICROELECTRONICS-M58WR032EB Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032EB100ZB6T STMICROELECTRONICS-M58WR032EB100ZB6T Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032EB70ZB6T STMICROELECTRONICS-M58WR032EB70ZB6T Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032EB80ZB6T STMICROELECTRONICS-M58WR032EB80ZB6T Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
More results

Similar Description - M58WR032QB70ZB6

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
   256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
M36W0R5020T0 STMICROELECTRONICS-M36W0R5020T0 Datasheet
184Kb / 26P
   32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com