Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2300L Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2300L
Description  2W x 2 Class AB Audio Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2300L Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2300L Datasheet HTML 1Page - Princeton Technology Corp PT2300L Datasheet HTML 2Page - Princeton Technology Corp PT2300L Datasheet HTML 3Page - Princeton Technology Corp PT2300L Datasheet HTML 4Page - Princeton Technology Corp PT2300L Datasheet HTML 5Page - Princeton Technology Corp PT2300L Datasheet HTML 6Page - Princeton Technology Corp PT2300L Datasheet HTML 7Page - Princeton Technology Corp PT2300L Datasheet HTML 8Page - Princeton Technology Corp PT2300L Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2300 V1.0
- 4 -
December, 2005
2W x 2 Class AB Audio Power Amplifier
PT2300
FUNCTION DESCRIPTION
POWER SUPPLY
The operating voltage of PT2300 is from 3V to 6V, In general operation 5V is recommended. When the
supply voltage less then 3V the IC can work properly, but the distortion reading will rise. After the
supply voltage over 6.5V, the higher stand-by current consumption will rising the temperature on chip
surface。
SHUTDOWN
When the DC supply still powered the chip Vcc, pull-up the shutdown pin to the Vcc level will take the
chip into the shutdown mode. After the shutdown mode is active the total current consumption is less
than 0.7µA, and the all of input or output pins no voltage output. When shutdown pin set to GND, the IC
is back to the normal operation.
Shutdown pin
Output state
Vcc
Shutdown ON
GND
Normal
INPUT GAIN ADJUST
The output gain of the PT2300 can be adjust by the external resistor, in normal operation 0dB gain
setting is recommended, please refer to the application circuit. If the source output level is not so high
(ex :< 2Vpp), input gain can be increase to get the proper volume. The minimum value of the input
series resistance is 10KΩ for the modest input impedance.
To make sure the input stage will not be distortion by overload, please confirm the input signal level, for
the gain set please refer to the following table:
Operating voltage
Input gain = –6dB
Input gain = 0dB
Input gain = +6dB
VDD=3V
Vin <5Vpp
Vin <2.5Vpp
Vin <1.25Vpp
VDD=5V
Vin <8Vpp
Vin<4Vpp
Vin<2Vpp
SE/BTL MODE SWITCHING
PT2300 have two output mode, SE (Single-Ended) or BTL (Bridge-Tied Load). When driving a speaker
load suggestion set to the BTL mode for get the more power output. And driving a headphone load, it
can be set to SE mode and turn-off the un-work amplifier to decrease stand-by power consumption.
Switching between the SE/BTL modes is controlled by the SE/BTL pin, please refer to following table:
SE/BTL
Mode
Vcc
SE
GND
BTL


Similar Part No. - PT2300L

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
PT2300 YONGFUKANG-PT2300 Datasheet
337Kb / 5P
   Audio power amplifier
More results

Similar Description - PT2300L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
   2W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493 Datasheet
145Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
PA7493 UTC-PA7493_08 Datasheet
219Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
logo
List of Unclassifed Man...
ISD8102 ETC2-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8102 NUVOTON-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
logo
Silan Microelectronics ...
SA7496L SILAN-SA7496L Datasheet
279Kb / 9P
   2CH AUDIO POWER AMPLIFIER(2W X 2)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com