Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QCI-A34H-1-6T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QCI-A34H-1-6T
Description  NEMA 34 IP65 Motor/Encoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QCI-A34H-1-6T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  QCI-A34H-1-6T Datasheet HTML 1Page - List of Unclassifed Manufacturers QCI-A34H-1-6T Datasheet HTML 2Page - List of Unclassifed Manufacturers QCI-A34H-1-6T Datasheet HTML 3Page - List of Unclassifed Manufacturers QCI-A34H-1-6T Datasheet HTML 4Page - List of Unclassifed Manufacturers QCI-A34H-1-6T Datasheet HTML 5Page - List of Unclassifed Manufacturers QCI-A34H-1-6T Datasheet HTML 6Page - List of Unclassifed Manufacturers QCI-A34H-1-6T Datasheet HTML 7Page - List of Unclassifed Manufacturers QCI-A34H-1-6T Datasheet HTML 8Page - List of Unclassifed Manufacturers QCI-A34H-1-6T Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Datasheet:QCI-DS015
QuickSilver Controls, Inc.
QuickSilver Controls, Inc.
Page 7 of 9
Mechanical Specifications
Environmental Specifications
Operational Temperature
-10 C to +80 C
Storage Temperature
- 40 C to +85 C
Shock
Limitation is approximately 50g/11ms.
IP Rating
IP65
2.74
3.41
Ø2.88
4 X Ø0.22 Thru
Ø3.875 B.C.
See Table (D)
See Table (C)
0.06
See Table (B)
0.875
0.33
1.25
0.1250 +0.0000/ -0.0020
Keyway Width (C)
(inches)
4.54 " +/- 0.10
34N-1
0.5000 +0.0000 / -0.0005
7.60 " +/- 0.10
34HC-3
34HC-4
9.15 " +/- 0.10
34HC-1
34HC-2
34H-1
4.54 " +/- 0.10
6.12 " +/- 0.10
4.54 " +/- 0.10
Model Series
Length (A)
(inches)
Shaft Diameter (B)
(inches)
0.070 +0.000 / -0.017
Keyway Depth (D)
(inches)
0.5000 +0.0000 / -0.0005
0.5000 +0.0000 / -0.0005
0.6250 +0.0000 / -0.0005
0.5000 +0.0000 / -0.0005
0.6250 +0.0000 / -0.0005
0.1250 +0.0000/ -0.0020
0.1250 +0.0000/ -0.0020
0.1250 +0.0000/ -0.0020
0.1875 +0.0000/ -0.0020
0.1875 +0.0000/ -0.0020
0.070 +0.000 / -0.017
0.070 +0.000 / -0.017
0.070 +0.000 / -0.017
0.108 +0.000 / -0.017
0.108 +0.000 / -0.017
3.50
3.33
1.14
1.47
Total Length
Front View
Side View
Back View
3.41
2.74
0.83
1.67
2.84
1.67
0.49
0.84


Similar Description - QCI-A34H-1-6T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HW34-696 ETC2-HW34-696 Datasheet
271Kb / 3P
   IP65 Rated, NEMA 34 High Torque Step Motor
HW34-506 ETC2-HW34-506 Datasheet
269Kb / 3P
   IP65 Rated, NEMA 34 High Torque Step Motor
4034-326 ETC2-4034-326 Datasheet
75Kb / 3P
   NEMA 34 Step Motor
V0400-211-C-000 ETC2-V0400-211-C-000 Datasheet
141Kb / 3P
   NEMA 34 Servo Motor, 400W
V0400-212-C-000 ETC2-V0400-212-C-000 Datasheet
141Kb / 3P
   NEMA 34 Servo Motor, 400W
TXM24S-3EG ETC2-TXM24S-3EG Datasheet
307Kb / 9P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor
TXM24S-3RG ETC2-TXM24S-3RG Datasheet
295Kb / 8P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor
TXM24S-1AG ETC2-TXM24S-1AG Datasheet
365Kb / 9P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor
TXM24S-1RG ETC2-TXM24S-1RG Datasheet
361Kb / 9P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor
TXM24S-3AG ETC2-TXM24S-3AG Datasheet
315Kb / 8P
   IP65 Rated NEMA 24 Integrated StepSERVO??Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com