Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QFMR5-434-128 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # QFMR5-434-128
Description  FM Radio Transmitter & Receiver Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

QFMR5-434-128 Datasheet(HTML) 6 Page - rfsolutions.ltd

  QFMR5-434-128 Datasheet HTML 1Page - rfsolutions.ltd QFMR5-434-128 Datasheet HTML 2Page - rfsolutions.ltd QFMR5-434-128 Datasheet HTML 3Page - rfsolutions.ltd QFMR5-434-128 Datasheet HTML 4Page - rfsolutions.ltd QFMR5-434-128 Datasheet HTML 5Page - rfsolutions.ltd QFMR5-434-128 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FM Radio Transmitter & Receiver Modules
T5 / R5
DS305_2
April 01
©
©2001 REG No 277 4001, England.
Page 6
Mechanical Dimensions
Figure 6: Transmitter
Figure 7: Receiver
Should you require further assistance please contact :
R F Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street, Lewes,
E. Sussex. BN8 6JL, England
Tel: +44 (0)1273 898 000
Fax: +44 (0)1273 480 661
Email : sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
Quasar
R 5
1 2
3 4 5 6 7
31mm
pin spacing 2.54mm
17.5mm
49.05mm
4.65mm
Pin spacings 2.54 mm
Pin Dia 0.5mm
pin 1 is 2.33mm from edge of module
All dimensions +/- 0.5mm
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. With
respect to the accuracy of such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.
T5
CE
31.5 mm
10.5 mm
3.0 mm
20.32 mm
1
2
3
4
5
Pin spacings 2.54 mm
Pin Dia 0.5mm
All dimensions +/- 0.5mm
1.5mm
3.5mm


Similar Part No. - QFMR5-434-128

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
QFM VISHAY-QFM Datasheet
75Kb / 3P
   Thin Film, Top-Contact Resistor
Revision: 05-Apr-13
logo
List of Unclassifed Man...
QFM-0608-04 ETC-QFM-0608-04 Datasheet
1Mb / 12P
   iglide® Q
QFM-0810-05 ETC-QFM-0810-05 Datasheet
1Mb / 12P
   iglide® Q
QFM-0810-06 ETC-QFM-0810-06 Datasheet
1Mb / 12P
   iglide® Q
QFM-1012-06 ETC-QFM-1012-06 Datasheet
1Mb / 12P
   iglide® Q
More results

Similar Description - QFMR5-434-128

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
   Radio Transmitter & Receiver Modules
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
logo
Radiometrix Ltd
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com