Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC6026MFV Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC6026MFV
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6026MFV Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC6026MFV Datasheet HTML 1Page - Toshiba Semiconductor 2SC6026MFV Datasheet HTML 2Page - Toshiba Semiconductor 2SC6026MFV Datasheet HTML 3Page - Toshiba Semiconductor 2SC6026MFV Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6026MFV
2005-06-28
3
IC - VCE
0
20
40
60
80
100
120
0
1
23
45
6
7
COMMON EMITTER Ta = 25°C
IB = 0.1 mA
0.2
0.3
0.5
2.0
1.5
1.0
0.7
IB - VBE
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
COMMON EMITTER
VCE = 6V
25
-25
VCE(sat) - IC
0.01
0.1
1
0.1
1
10
100
1000
COMMON EMITTER
IC/IB = 10
25
-25
VBE(sat) - IC
0.1
1
10
0.1
1
10
100
1000
COMMON EMITTER
IC/ IB = 10
25
-25
hFE - IC
10
100
1000
0.1
1
10
100
1000
COMMON EMITTER
   
VCE = 6 V
   
VCE = 1 V
25
-25
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
BASE-EMITTER VOLTAGE VBE (V)
COLLECTOR-EMITTER VOLTAGE VCE (V)
PC - Ta
0
50
100
150
200
250
0
50
100
150
200
AMBIENT TEMPERATURE Ta (°C)
Mounted on FR4 board
(24.5 mm × 24.5 mm × 1.6 mmt)
Ta = 100°C
Ta = 100°C
Ta = 100°C
Ta = 100°C


Similar Part No. - 2SC6026MFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6026MFV TOSHIBA-2SC6026MFV Datasheet
154Kb / 4P
   General-Purpose Amplifier Applications
2SC6026MFV TOSHIBA-2SC6026MFV Datasheet
154Kb / 4P
   General-Purpose Amplifier Applications
2SC6026MFV-GR TOSHIBA-2SC6026MFV-GR Datasheet
154Kb / 4P
   General-Purpose Amplifier Applications
2SC6026MFV-Y TOSHIBA-2SC6026MFV-Y Datasheet
154Kb / 4P
   General-Purpose Amplifier Applications
More results

Similar Description - 2SC6026MFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN6001 TOSHIBA-RN6001 Datasheet
90Kb / 3P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com