Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN2107MFV Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN2107MFV
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2107MFV Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN2107MFV Datasheet HTML 1Page - Toshiba Semiconductor RN2107MFV Datasheet HTML 2Page - Toshiba Semiconductor RN2107MFV Datasheet HTML 3Page - Toshiba Semiconductor RN2107MFV Datasheet HTML 4Page - Toshiba Semiconductor RN2107MFV Datasheet HTML 5Page - Toshiba Semiconductor RN2107MFV Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RN2107MFV
∼RN2109MFV
2005-03-30
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = −50 V, IE = 0
−100
nA
Collector cutoff
current
RN2107MFV~
2109MFV
ICEO
VCE = −50 V, IB = 0
−500
nA
RN2107MFV
VEB = −6 V, IC = 0
−0.081
−0.15
RN2108MFV
VEB = −7 V, IC = 0
−0.078
−0.145
Emitter cutoff current
RN2109MFV
IEBO
VEB = −15 V, IC = 0
−0.167
−0.311
mA
RN2107MFV
80
RN2108MFV
80
DC current gain
RN2109MFV
hFE
VCE = −5 V,
IC = −10 mA
70
Collector-emitter
saturation voltage
RN2107MFV~
2109MFV
VCE (sat)
IC = −5 mA,
IB = −0.25 mA
−0.1
−0.3
V
RN2107MFV
−0.7
−1.8
RN2108MFV
−1.0
−2.6
Input voltage (ON)
RN2109MFV
VI (ON)
VCE = −0.2 V,
IC = −5 mA
−2.2
−5.8
V
RN2107MFV
−0.5
−1.0
RN2108MFV
−0.6
−1.16
Input voltage (OFF)
RN2109MFV
VI (OFF)
VCE = −5 V,
IC = −0.1 mA
−1.5
−2.6
V
Collector output
capacitance
RN2107MFV~
2109MFV
Cob
VCB = −10 V, IE = 0,
f = 1 MHz
0.9
pF
RN2107MFV
7
10
13
RN2108MFV
15.4
22
28.6
Input resistor
RN2109MFV
R1
32.9
47
61.1
k
RN2107MFV
0.17
0.213
0.255
RN2108MFV
0.374
0.468
0.562
Resistor ratio
RN2109MFV
R1/R2
1.71
2.14
2.56


Similar Part No. - RN2107MFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2107 TOSHIBA-RN2107 Datasheet
217Kb / 5P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2107 TOSHIBA-RN2107 Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2107ACT TOSHIBA-RN2107ACT Datasheet
150Kb / 6P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2107CT TOSHIBA-RN2107CT Datasheet
151Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN2107F TOSHIBA-RN2107F Datasheet
217Kb / 5P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN2107MFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com