Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58WR032KU Datasheet(PDF) 1 Page - Numonyx B.V

Part # M58WR032KU
Description  16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR032KU Datasheet(HTML) 1 Page - Numonyx B.V

  M58WR032KU Datasheet HTML 1Page - Numonyx B.V M58WR032KU Datasheet HTML 2Page - Numonyx B.V M58WR032KU Datasheet HTML 3Page - Numonyx B.V M58WR032KU Datasheet HTML 4Page - Numonyx B.V M58WR032KU Datasheet HTML 5Page - Numonyx B.V M58WR032KU Datasheet HTML 6Page - Numonyx B.V M58WR032KU Datasheet HTML 7Page - Numonyx B.V M58WR032KU Datasheet HTML 8Page - Numonyx B.V M58WR032KU Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 123 page
background image
December 2007
Rev 2
1/123
1
M58WR016KU M58WR016KL M58WR032KU
M58WR032KL M58WR064KU M58WR064KL
16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst)
1.8 V supply Flash memories
Features
Supply voltage
–VDD = 1.7 V to 2 V for Program, Erase and
Read
–VDDQ = 1.7 V to 2 V for I/O buffers
–VPP = 9 V for fast Program
Multiplexed address/data
Synchronous / Asynchronous Read
– Synchronous Burst Read mode: 86 MHz
– Random Access: 60 ns, 70 ns
Synchronous Burst Read Suspend
Programming time
– 10 µs by Word typical for Factory Program
– Double/Quadruple Word Program option
– Enhanced Factory Program options
Memory blocks
– Multiple Bank memory array: 4 Mbit Banks
– Parameter Blocks (top or bottom location)
Dual operations
– Program Erase in one Bank while Read in
others
– No delay between Read and Write
operations
Block locking
– All blocks locked at Power up
– Any combination of blocks can be locked
–WP for Block Lock-Down
Security
– 128 bit user programmable OTP cells
– 64 bit unique device number
Common Flash Interface (CFI)
100,000 program/erase cycles per block
Electronic signature
– Manufacturer Code: 20h
– Top Device Code,
M58WR016KU: 8823h
M58WR032KU: 8828h
M58WR064KU: 88C0h
– Bottom Device Code,
M58WR016KL: 8824h
M58WR032KL: 8829h
M58WR064KL: 88C1h
ECOPACK® packages available
VFBGA44 (ZA)
7.5 × 5 mm
FBGA
www.numonyx.com


Similar Part No. - M58WR032KU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR032KU STMICROELECTRONICS-M58WR032KU Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
M58WR032KU60ZA6E STMICROELECTRONICS-M58WR032KU60ZA6E Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
M58WR032KU60ZA6U STMICROELECTRONICS-M58WR032KU60ZA6U Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
M58WR032KU70ZA6E STMICROELECTRONICS-M58WR032KU70ZA6E Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
M58WR032KU70ZA6U STMICROELECTRONICS-M58WR032KU70ZA6U Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
More results

Similar Description - M58WR032KU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR016KU STMICROELECTRONICS-M58WR016KU Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WT032KT NUMONYX-M58WT032KT Datasheet
2Mb / 117P
   32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58LT256JST STMICROELECTRONICS-M58LT256JST Datasheet
836Kb / 106P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
logo
Numonyx B.V
M58LT256JST NUMONYX-M58LT256JST Datasheet
1Mb / 108P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
logo
STMicroelectronics
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
   64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
logo
Numonyx B.V
M58PR512LE NUMONYX-M58PR512LE Datasheet
2Mb / 123P
   512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com