Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58BW16FB5T3 Datasheet(PDF) 10 Page - Numonyx B.V

Part # M58BW16FB5T3
Description  16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58BW16FB5T3 Datasheet(HTML) 10 Page - Numonyx B.V

Back Button M58BW16FB5T3 Datasheet HTML 6Page - Numonyx B.V M58BW16FB5T3 Datasheet HTML 7Page - Numonyx B.V M58BW16FB5T3 Datasheet HTML 8Page - Numonyx B.V M58BW16FB5T3 Datasheet HTML 9Page - Numonyx B.V M58BW16FB5T3 Datasheet HTML 10Page - Numonyx B.V M58BW16FB5T3 Datasheet HTML 11Page - Numonyx B.V M58BW16FB5T3 Datasheet HTML 12Page - Numonyx B.V M58BW16FB5T3 Datasheet HTML 13Page - Numonyx B.V M58BW16FB5T3 Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
Description
M58BW16F, M58BW32F
10/87
Table 1.
Signal names
Signal name
Function
Direction
A0-Amax(1)
Address inputs
Inputs
DQ0-DQ7
Data input/output, command input
I/O
DQ8-DQ15
Data input/output, Burst Configuration Register
I/O
DQ16-DQ31
Data input/output
I/O
B
Burst Address Advance input
Input
E
Chip Enable input
Input
G
Output Enable input
Input
K
Burst Clock input
Input
L
Latch Enable input
Input
R
Valid Data Ready output
Output
RP
Reset/Power-down input
Input
W
Write Enable input
Input
GD
Output Disable input
Input
WP
Write Protect input
Input
VDD
Supply voltage
VDDQ
Power supply for output buffers
VDDQIN
Power supply for input buffers only
PEN
Program/Erase Enable
Input
VSS
Ground
VSSQ
Input/output ground
NC
Not connected internally
DU
Don’t use as internally connected
1.
Amax is equal to A18 in the M58BW16F, and to A19 in the M58BW32F.


Similar Part No. - M58BW16FB5T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW16FB5T3 STMICROELECTRONICS-M58BW16FB5T3 Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58BW16FB5T3F STMICROELECTRONICS-M58BW16FB5T3F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58BW16FB5T3T STMICROELECTRONICS-M58BW16FB5T3T Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
More results

Similar Description - M58BW16FB5T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Numonyx B.V
M58BW016DB NUMONYX-M58BW016DB Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Micron Technology
M58BW016FB7T3T MICRON-M58BW016FB7T3T Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst)
logo
STMicroelectronics
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
   32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
logo
Cypress Semiconductor
S29CD032J CYPRESS-S29CD032J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
logo
STMicroelectronics
M58WR016KU STMICROELECTRONICS-M58WR016KU Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com