Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6821TGTR Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6821TGTR
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821TGTR Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6821TGTR Datasheet HTML 7Page - MOSA ELECTRONICS MS6821TGTR Datasheet HTML 8Page - MOSA ELECTRONICS MS6821TGTR Datasheet HTML 9Page - MOSA ELECTRONICS MS6821TGTR Datasheet HTML 10Page - MOSA ELECTRONICS MS6821TGTR Datasheet HTML 11Page - MOSA ELECTRONICS MS6821TGTR Datasheet HTML 12Page - MOSA ELECTRONICS MS6821TGTR Datasheet HTML 13Page - MOSA ELECTRONICS MS6821TGTR Datasheet HTML 14Page - MOSA ELECTRONICS MS6821TGTR Datasheet HTML 15Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 1.0
11
www.mosanalog.com
DAC inputs signal
(Ta=25℃, sampling rate=4fs, fs= 44.1kHz, f=1kHz, PA is Power Down mode; unless otherwise specified)
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
THD+N vs. frequency
THD+N vs. frequency
THD+N vs. frequency
SUPPLY VOLTAGE (V)
FREQUENCY (Hz)
Channel separation vs. supply voltage
PSRR vs. frequency
VDD=2.4V, VFS
DAC VFS
VDD=5V
DAC VFS
VDD=3.3V, VFS
DAC VFS
VDD=5V
DAC VFS
CAP=1uF
CAP=10uF
VDD=5V
VRR=0.2Vrms
.22dBV


Similar Part No. - MS6821TGTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6821TGTR MOSA-MS6821TGTR Datasheet
704Kb / 29P
   4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
More results

Similar Description - MS6821TGTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6821 MOSA-MS6821_1 Datasheet
704Kb / 29P
   4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
logo
Silan Microelectronics ...
SC7312 SILAN-SC7312 Datasheet
261Kb / 12P
   4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7314 SILAN-SC7314 Datasheet
294Kb / 13P
   4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
   Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
   24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
   24-bit, 192kHz Stereo DAC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
   24-bit, 192kHz Stereo DAC with Volume Control
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
   24 Bit Differential Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
   24-bit, 192kHz Stereo DAC with Volume Control
logo
Wolfson Microelectronic...
WM8718 WOLFSON-WM8718 Datasheet
284Kb / 27P
   24 BIT DIFFERENTIAL STEREO DAC WITH VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com