Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF7S27130HR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF7S27130HR3
Description  RF Power Field Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF7S27130HR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF7S27130HR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF7S27130HR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF7S27130HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF7S27130HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF7S27130HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF7S27130HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF7S27130HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF7S27130HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF7S27130HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RF Device Data
Freescale Semiconductor
MRF7S27130HR3 MRF7S27130HSR3
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22-A114)
1B (Minimum)
Machine Model (per EIA/JESD22-A115)
A (Minimum)
Charge Device Model (per JESD22-C101)
IV (Minimum)
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vdc, VGS = 0 Vdc)
IDSS
10
µAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 28 Vdc, VGS = 0 Vdc)
IDSS
1
µAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
1
µAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 348 µAdc)
VGS(th)
1.2
2
2.7
Vdc
Gate Quiescent Voltage
(VDS = 28 Vdc, ID = 1500 mAdc)
VGS(Q)
2.7
Vdc
Fixture Gate Quiescent Voltage (1)
(VDD = 28 Vdc, ID = 1500 mAdc, Measured in Functional Test)
VGG(Q)
4
5.4
7
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 3.4 Adc)
VDS(on)
0.1
0.24
0.3
Vdc
Dynamic Characteristics (2)
Reverse Transfer Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
10.4
pF
Output Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Coss
711
pF
Input Capacitance
(VDS = 28 Vdc, VGS = 0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
326
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 1500 mA, Pout = 23 W Avg., f = 2500 MHz and f =
2700 MHz, WiMAX Signal, 802.16d, 7 MHz Channel Bandwidth, 64 QAM 3/4, 4 Bursts, PAR = 9.5 dB @ 0.01% Probability on CCDF. ACPR
measured in 0.5 MHz Channel Bandwidth @ ±5.25 MHz Offset.
Power Gain
Gps
15
16.5
18.5
dB
Drain Efficiency
ηD
18
20
23
%
Output Peak-to-Average Ratio @ 0.01% Probability on CCDF
PAR
7.5
8.2
dB
Adjacent Channel Power Ratio
ACPR
-49
-46
dBc
Input Return Loss
IRL
-8
-5
dB
1. VGG = 2 x VGS(Q). Parameter measured on Freescale Test Fixture, due to resistive divider network on the board. Refer to Test Circuit
schematic.
2. Part internally matched both on input and output.
(continued)


Similar Part No. - MRF7S27130HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF7S27130HR3 FREESCALE-MRF7S27130HR3 Datasheet
412Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S27130HR3 FREESCALE-MRF7S27130HR3_08 Datasheet
412Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF7S27130HR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com