Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58BW016FT8T3FF Datasheet(PDF) 9 Page - Numonyx B.V

Part # M58BW016FT8T3FF
Description  16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58BW016FT8T3FF Datasheet(HTML) 9 Page - Numonyx B.V

Back Button M58BW016FT8T3FF Datasheet HTML 5Page - Numonyx B.V M58BW016FT8T3FF Datasheet HTML 6Page - Numonyx B.V M58BW016FT8T3FF Datasheet HTML 7Page - Numonyx B.V M58BW016FT8T3FF Datasheet HTML 8Page - Numonyx B.V M58BW016FT8T3FF Datasheet HTML 9Page - Numonyx B.V M58BW016FT8T3FF Datasheet HTML 10Page - Numonyx B.V M58BW016FT8T3FF Datasheet HTML 11Page - Numonyx B.V M58BW016FT8T3FF Datasheet HTML 12Page - Numonyx B.V M58BW016FT8T3FF Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
Description
9/70
Table 1.
Signal names
Signal
Description
Direction
A0-A18
Address inputs
Inputs
DQ0-DQ7
Data input/output, command input
I/O
DQ8-DQ15
Data input/output, Burst Configuration Register
I/O
DQ16-DQ31
Data input/output
I/O
B
Burst Address Advance
Input
E
Chip Enable
Input
G
Output Enable
Input
K
Burst Clock
Input
L
Latch Enable
Input
R
Valid Data Ready (open drain output)
Output
RP
Reset/Power-down
Input
W
Write Enable
Input
GD
Output Disable
Input
WP
Write Protect
Input
VDD
Supply voltage
Supply
VDDQ
Power supply for output buffers
Supply
VDDQIN
Power supply for input buffers only
Supply
VPP
Optional supply voltage for fast program and fast
erase operations
Supply
VSS
Ground
VSSQ
Input/output ground
NC
Not connected internally
DU
Don’t use as internally connected


Similar Part No. - M58BW016FT8T3FF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016FT80T3FF STMICROELECTRONICS-M58BW016FT80T3FF Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
M58BW016FT80T3FT STMICROELECTRONICS-M58BW016FT80T3FT Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
M58BW016FT80ZA3FF STMICROELECTRONICS-M58BW016FT80ZA3FF Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
M58BW016FT80ZA3FT STMICROELECTRONICS-M58BW016FT80ZA3FT Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
More results

Similar Description - M58BW016FT8T3FF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Micron Technology
M58BW016FB7T3T MICRON-M58BW016FB7T3T Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst)
logo
Numonyx B.V
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
   32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com