Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58BW16FB5ZA3F Datasheet(PDF) 1 Page - Numonyx B.V

Part # M58BW16FB5ZA3F
Description  16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58BW16FB5ZA3F Datasheet(HTML) 1 Page - Numonyx B.V

  M58BW16FB5ZA3F Datasheet HTML 1Page - Numonyx B.V M58BW16FB5ZA3F Datasheet HTML 2Page - Numonyx B.V M58BW16FB5ZA3F Datasheet HTML 3Page - Numonyx B.V M58BW16FB5ZA3F Datasheet HTML 4Page - Numonyx B.V M58BW16FB5ZA3F Datasheet HTML 5Page - Numonyx B.V M58BW16FB5ZA3F Datasheet HTML 6Page - Numonyx B.V M58BW16FB5ZA3F Datasheet HTML 7Page - Numonyx B.V M58BW16FB5ZA3F Datasheet HTML 8Page - Numonyx B.V M58BW16FB5ZA3F Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2008
Rev 5
1/87
1
M58BW16F
M58BW32F
16 or 32 Mbit (x 32, boot block, burst)
3.3 V supply Flash memories
Features
Supply voltage
–VDD = 2.7 V to 3.6 V (45 ns) or
VDD = 2.5 V to 3.3 V (55 ns)
–VDDQ = VDDQIN = 2.4 V to 3.6 V for I/O
buffers
High performance
– Access times: 45 and 55 ns
– Synchronous burst reads
– 75 MHz effective zero wait-state burst read
– Asynchronous page reads
M58BW32F memory organization:
– Eight 64 Kbit small parameter blocks
– Four 128 Kbit large parameter blocks
– Sixty-two 512 Kbit main blocks
M58BW16F memory organization:
– Eight 64 Kbit parameter blocks
– Thirty-one 512 Kbit main blocks
Hardware block protection
–WP pin to protect any block combination
from Program and Erase operations
–PEN signal for Program/Erase Enable
Irreversible modify protection (OTP like) on
128 Kbits:
– Block 1 (bottom device) or block 72 (top
device) in the M58BW32F
– Blocks 2 and 3 (bottom device) or blocks 36
and 35 (top device) in the M58BW16F
Security
– 64-bit unique device identifier (UID)
Fast programming
– Write to buffer and program capability
Optimized for FDI drivers
– Common Flash interface (CFI)
– Fast Program/Erase Suspend feature in
each block
Low power consumption
– 100 µA typical Standby current
Electronic signature
– Manufacturer code: 0020h
– Top device codes:
M58BW32FT: 8838h
M58BW16FT: 883Ah
– Bottom device codes:
M58BW32FB: 8837h
M58BW16FB: 8839h
Automotive device grade 3:
– Temperature: 40 to 125 °C
– Automotive grade certified
LBGA
LBGA80 (ZA)
10 x 8 ball array
PQFP80 (T)
www.numonyx.com


Similar Part No. - M58BW16FB5ZA3F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW16FB5ZA3F STMICROELECTRONICS-M58BW16FB5ZA3F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
More results

Similar Description - M58BW16FB5ZA3F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Numonyx B.V
M58BW016DB NUMONYX-M58BW016DB Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Micron Technology
M58BW016FB7T3T MICRON-M58BW016FB7T3T Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst)
logo
STMicroelectronics
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
   32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
logo
Cypress Semiconductor
S29CD032J CYPRESS-S29CD032J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
logo
STMicroelectronics
M58WR016KU STMICROELECTRONICS-M58WR016KU Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com