Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58BW016FB7ZA3FT Datasheet(PDF) 1 Page - Numonyx B.V

Part # M58BW016FB7ZA3FT
Description  16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58BW016FB7ZA3FT Datasheet(HTML) 1 Page - Numonyx B.V

  M58BW016FB7ZA3FT Datasheet HTML 1Page - Numonyx B.V M58BW016FB7ZA3FT Datasheet HTML 2Page - Numonyx B.V M58BW016FB7ZA3FT Datasheet HTML 3Page - Numonyx B.V M58BW016FB7ZA3FT Datasheet HTML 4Page - Numonyx B.V M58BW016FB7ZA3FT Datasheet HTML 5Page - Numonyx B.V M58BW016FB7ZA3FT Datasheet HTML 6Page - Numonyx B.V M58BW016FB7ZA3FT Datasheet HTML 7Page - Numonyx B.V M58BW016FB7ZA3FT Datasheet HTML 8Page - Numonyx B.V M58BW016FB7ZA3FT Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
March 2008
Rev 17
1/70
1
M58BW016DB M58BW016DT
M58BW016FT M58BW016FB
16 Mbit (512 Kbit x 32, boot block, burst)
3 V supply Flash memories
Features
Supply voltage
–VDD = 2.7 V to 3.6 V for program, erase
and read
–VDDQ = VDDQIN = 2.4 V to 3.6 V for I/O
buffers
–VPP = 12 V for fast program (optional)
High performance
– Access times: 70, 80 ns
– 56 MHz effective zero wait-state burst read
– Synchronous burst read
– Asynchronous page read
Hardware block protection
–WP pin for write protect of the 4 outermost
parameter blocks and all main blocks
–RP pin for write protect of all blocks
Optimized for FDI drivers
– Fast program / erase suspend latency
time < 6 µs
– Common Flash interface
Memory blocks
– 8 parameters blocks (top or bottom)
– 31 main blocks
Low power consumption
– 5 µA typical deep power-down
– 60 µA typical standby for M58BW016DT/B
150 µA typical standby for M58BW016FT/B
– Automatic standby after asynchronous read
Electronic signature
– Manufacturer code: 20h
– Top device code: 8836h
– Bottom device code: 8835h
100 K write/erase cycling + 20 years data
retention (minimum)
High reliability level with over 1 M write/erase
cycling sustained
ECOPACK® packages available
PQFP80 (T)
LBGA80 10 × 12 mm
LBGA
www.numonyx.com


Similar Part No. - M58BW016FB7ZA3FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016FB70T3FF STMICROELECTRONICS-M58BW016FB70T3FF Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
M58BW016FB70T3FT STMICROELECTRONICS-M58BW016FB70T3FT Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
M58BW016FB70ZA3FF STMICROELECTRONICS-M58BW016FB70ZA3FF Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
M58BW016FB70ZA3FT STMICROELECTRONICS-M58BW016FB70ZA3FT Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Micron Technology
M58BW016FB7T3T MICRON-M58BW016FB7T3T Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst)
More results

Similar Description - M58BW016FB7ZA3FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Micron Technology
M58BW016FB7T3T MICRON-M58BW016FB7T3T Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst)
logo
Numonyx B.V
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
   32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com