Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SENACC-051 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SENACC-051
Description  Acceleration Sensor - SENACC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SENACC-051 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SENACC-051 Datasheet HTML 1Page - List of Unclassifed Manufacturers SENACC-051 Datasheet HTML 2Page - List of Unclassifed Manufacturers SENACC-051 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Acceleration Sensor - SENACC
SENACCTDS/E - ISSUE 4 – October 2004
PAGE 1 of 3
Technical Data Sheet
Single axis acceleration measurements (low-
frequency vibrations and movements).
Wide acceleration range.
Excellent EMI/RFI immunity.
Rugged epoxy-filled enclosure, small size.
Watertight mini sure-seal
® connector.
The SENACC measures vibrations up to 150Hz
with a recorder that is setup accordingly. It may
also measures longitudinal, lateral or vertical
acceleration of the body or the moving parts of a
vehicle.
When its sensing axis is oriented to gravity the
SENACC experiences an acceleration of +1.0 g.
Available ranges:
Sensor
Range
SENACC-010
± 1.0G
SENACC-030
± 3.3G
SENACC-050
± 5.0G
SENACC-011
± 10.0G
SENACC-250
± 25.0G
SENACC-051
± 50.0G
Operating temperature: -40°C to 85°C.
Power supply: 5 mA, 11-24Vdc.
Dimensions: 33mm x 38mm.
Weight: 56 grams (1.975 oz.)
Align the sensor‘s sensitivity axis with the
measuring direction.
Use the #4-40 screw-holes to fasten the sensor
rigidly to the moving body.
Connect the sensor to an analog input of the
system: A, B or C.
Carefully align indexing rib when mating mini
sure-seal
® connectors.
Do not expose wire/connector to water, oil or
fuel.
Route the sensor cable away from sources of
interference, such as ignition coils, plug leads,
electronic modules or antennas.
Verify that the cable is not pinched or
stretched by moving parts.
Do not bend cable with curvature radius
smaller than 1.60
″ [40 mm].


Similar Part No. - SENACC-051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEN-0002H ETC-SEN-0002H Datasheet
70Kb / 3P
   CURRENT AMPLIFIER
logo
Sensitron
SEN-0002H SENSITRON-SEN-0002H Datasheet
71Kb / 3P
   CURRENT AMPLIFIER
SEN-0541 SENSITRON-SEN-0541 Datasheet
168Kb / 3P
   POWER OPERATIONAL AMPLIFIER
logo
SparkFun Electronics
SEN-08883 SPARKFUN-SEN-08883 Datasheet
97Kb / 1P
   SparkFun Low Current Sensor Breakout - ACS712
10/8/2015
SEN-09416 SPARKFUN-SEN-09416 Datasheet
91Kb / 2P
   RFID Glass Capsule (125kHz)
6??0??7
More results

Similar Description - SENACC-051

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ACY04-F99-2I-V15 PF-ACY04-F99-2I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
ACX04-F99-I-V15 PF-ACX04-F99-I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
logo
Bosch Sensortec GmbH
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
   Intelligent, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
   Digital, triaxial acceleration sensor
BMA222E ETC2-BMA222E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA280 ETC2-BMA280 Datasheet
1Mb / 119P
   Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA222 BOSCH-BMA222 Datasheet
1Mb / 74P
   Digital, triaxial acceleration sensor
BMA223 BOSCH-BMA223 Datasheet
1Mb / 119P
   Digital, triaxial acceleration sensor
BMA250 BOSCH-BMA250 Datasheet
1Mb / 2P
   Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com