Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58BW16FT4T3F Datasheet(PDF) 11 Page - Numonyx B.V

Part # M58BW16FT4T3F
Description  16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58BW16FT4T3F Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M58BW16FT4T3F Datasheet HTML 7Page - Numonyx B.V M58BW16FT4T3F Datasheet HTML 8Page - Numonyx B.V M58BW16FT4T3F Datasheet HTML 9Page - Numonyx B.V M58BW16FT4T3F Datasheet HTML 10Page - Numonyx B.V M58BW16FT4T3F Datasheet HTML 11Page - Numonyx B.V M58BW16FT4T3F Datasheet HTML 12Page - Numonyx B.V M58BW16FT4T3F Datasheet HTML 13Page - Numonyx B.V M58BW16FT4T3F Datasheet HTML 14Page - Numonyx B.V M58BW16FT4T3F Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
M58BW16F, M58BW32F
Description
11/87
Figure 2.
LBGA connections (top view through package)
1.
Ball D3 is NC in the M58BW16F and A19 in the M58BW32F.
AI12854b
B
DQ24
DQ7
VSSQ
F
VDDQ
DQ26
DQ4
VDDQ
E
DQ29
VSS
DQ0
DQ3
D
A0
NC
A7
A11
A18
A17
C
A1
A4
A5
A8
RP
E
A13
A16
B
A2
A3
A6
VDD
PEN
VDD
A14
A
8
7
6
5
4
3
2
1
DQ20
DQ18
DQ19
DQ17
DQ11
DQ12
DQ13
VDDQ
DQ23
DQ8
VDDQ
H
G
NC
GD
W
VDDQIN
DQ16
R
G
L
DQ14
DQ15
K
J
A15
VSS
A12
A9
A10
NC
A19/
NC(1)
NC
DQ31
DQ30
DQ2
DQ28
DQ6
DQ25
VSSQ
DQ10
DQ9
DQ21
WP
K
NC
DQ1
DQ27
DQ5
NC
DQ22


Similar Part No. - M58BW16FT4T3F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW16FT4T3F STMICROELECTRONICS-M58BW16FT4T3F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
More results

Similar Description - M58BW16FT4T3F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Numonyx B.V
M58BW016DB NUMONYX-M58BW016DB Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Micron Technology
M58BW016FB7T3T MICRON-M58BW016FB7T3T Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst)
logo
STMicroelectronics
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
   32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
logo
Cypress Semiconductor
S29CD032J CYPRESS-S29CD032J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
logo
STMicroelectronics
M58WR016KU STMICROELECTRONICS-M58WR016KU Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com