Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M28W160CB90ZB1 Datasheet(PDF) 8 Page - Numonyx B.V

Part # M28W160CB90ZB1
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W160CB90ZB1 Datasheet(HTML) 8 Page - Numonyx B.V

Back Button M28W160CB90ZB1 Datasheet HTML 4Page - Numonyx B.V M28W160CB90ZB1 Datasheet HTML 5Page - Numonyx B.V M28W160CB90ZB1 Datasheet HTML 6Page - Numonyx B.V M28W160CB90ZB1 Datasheet HTML 7Page - Numonyx B.V M28W160CB90ZB1 Datasheet HTML 8Page - Numonyx B.V M28W160CB90ZB1 Datasheet HTML 9Page - Numonyx B.V M28W160CB90ZB1 Datasheet HTML 10Page - Numonyx B.V M28W160CB90ZB1 Datasheet HTML 11Page - Numonyx B.V M28W160CB90ZB1 Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
M28W160CT, M28W160CB
8/50
Figure 5. Block Addresses
Note: Also see Appendix A, Tables 24 and 25 for a full listing of the Block Addresses.
Figure 6. Security Block and Protection Register Memory Map
AI04311
4 KWords
FFFFF
FF000
32 KWords
0FFFF
08000
32 KWords
07FFF
00000
M28W160CT
Top Boot Block Addresses
4 KWords
F8FFF
F8000
32 KWords
F0000
F7FFF
Total of 8
4 KWord Blocks
Total of 31
32 KWord Blocks
4 KWords
FFFFF
F8000
32 KWords
32 KWords
00FFF
00000
M28W160CB
Bottom Boot Block Addresses
4 KWords
F7FFF
0FFFF
32 KWords
F0000
08000
Total of 31
32 KWord Blocks
Total of 8
4 KWord Blocks
07FFF
07000
AI03523
Parameter Block # 0
User Programmable OTP
Unique device number
Protection Register Lock
2
1
0
88h
85h
84h
81h
80h
SECURITY BLOCK
PROTECTION REGISTER


Similar Part No. - M28W160CB90ZB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W160CB90ZB1 STMICROELECTRONICS-M28W160CB90ZB1 Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CB90ZB1E STMICROELECTRONICS-M28W160CB90ZB1E Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CB90ZB1F STMICROELECTRONICS-M28W160CB90ZB1F Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CB90ZB1S STMICROELECTRONICS-M28W160CB90ZB1S Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CB90ZB1T STMICROELECTRONICS-M28W160CB90ZB1T Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M28W160CB90ZB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160BT STMICROELECTRONICS-M28W160BT Datasheet
337Kb / 45P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W160ECT NUMONYX-M28W160ECT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com