Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV1G126ACME Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV1G126ACME
Description  Bus Buffer Gate with 3-state Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G126ACME Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LV1G126ACME Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 9Page - Renesas Technology Corp HD74LV1G126ACME Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HD74LV1G126A
Rev.6.00, Sep.01.2003, page 6 of 11
Electrical Characteristic
• Ta = –40 to 85°C
Item
Symbol VCC (V) *
Min
Typ
Max
Unit
Test condition
1.65 to 1.95 VCC
×0.75 —
2.3 to 2.7
VCC
×0.7 —
3.0 to 3.6
VCC
×0.7 —
VIH
4.5 to 5.5
VCC
×0.7 —
1.65 to 1.95 —
VCC
×0.25
2.3 to 2.7
VCC
×0.3
3.0 to 3.6
VCC
×0.3
Input voltage
VIL
4.5 to 5.5
VCC
×0.3
V
1.8
0.25
2.5
0.30
3.3
0.35
Hysteresis voltage VH
5.0
0.45
VVT
+ – V
T
Min to Max
VCC–0.1
IOH = –50
µA
1.65
1.4
IOH = –1 mA
2.3
2.0
IOH = –2 mA
3.0
2.48
IOH = –6 mA
VOH
4.5
3.8
IOH = –12 mA
Min to Max
0.1
IOL = 50
µA
1.65
0.3
IOL = 1 mA
2.3
——0.4
IOL = 2 mA
3.0
——0.44
IOL = 6 mA
Output voltage
VOL
4.5
——0.55
V
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
µAVIN = 5.5 V or GND
Off state output
current
IOZ
Min to Max
±5
µAVO = 5.5 V or GND
Quiescent
supply current
ICC
5.5
——10
µAVIN = VCC or GND,
IO = 0
Output leakage
current
IOFF
0
——5
µAVIN or VO = 0 to 5.5 V
Input capacitance
CIN
3.3
3.0
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating
conditions.


Similar Part No. - HD74LV1G126ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G126ACME RENESAS-HD74LV1G126ACME Datasheet
115Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74LV1G126ACME RENESAS-HD74LV1G126ACME Datasheet
173Kb / 9P
   Bus Buffer Gate with 3?뱒tate Output
More results

Similar Description - HD74LV1G126ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125_15 Datasheet
122Kb / 15P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74LV1G125A HITACHI-HD74LV1G125A Datasheet
59Kb / 11P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125 Datasheet
97Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A_08 Datasheet
115Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74ALVC1G126 RENESAS-HD74ALVC1G126 Datasheet
92Kb / 13P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74ALVC1G125 HITACHI-HD74ALVC1G125 Datasheet
110Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1GT126A HITACHI-HD74LV1GT126A Datasheet
46Kb / 10P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G126 RENESAS-HD74ALVC1G126_15 Datasheet
116Kb / 15P
   Bus Buffer Gate with 3-state Output
HD74LV1G125A RENESAS-HD74LV1G125A_08 Datasheet
120Kb / 8P
   Bus Buffer Gate with 3-state Output
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com