Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M45PE16-VMP6TP Datasheet(PDF) 8 Page - Numonyx B.V

Part # M45PE16-VMP6TP
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE16-VMP6TP Datasheet(HTML) 8 Page - Numonyx B.V

Back Button M45PE16-VMP6TP Datasheet HTML 4Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 5Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 6Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 7Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 8Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 9Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 10Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 11Page - Numonyx B.V M45PE16-VMP6TP Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Signal description
M45PE16
8/45
2
Signal description
2.1
Serial Data Output (Q)
This output signal is used to transfer data serially out of the device. Data is shifted out on the
falling edge of Serial Clock (C).
2.2
Serial Data Input (D)
This input signal is used to transfer data serially into the device. It receives instructions,
addresses, and the data to be programmed. Values are latched on the rising edge of Serial
Clock (C).
2.3
Serial Clock (C)
This input signal provides the timing of the serial interface. Instructions, addresses, or data
present at Serial Data Input (D) are latched on the rising edge of Serial Clock (C). Data on
Serial Data Output (Q) changes after the falling edge of Serial Clock (C).
2.4
Chip Select (S)
When this input signal is High, the device is deselected and Serial Data Output (Q) is at high
impedance. Unless an internal Read, Program, Erase or Write cycle is in progress, the
device will be in the Standby mode (this is not the Deep Power-down mode). Driving Chip
Select (S) Low enables the device, placing it in the active power mode.
After Power-up, a falling edge on Chip Select (S) is required prior to the start of any
instruction.
2.5
Reset (Reset)
The Reset (Reset) input provides a hardware reset for the memory.
When Reset (Reset) is driven High, the memory is in the normal operating mode. When
Reset (Reset) is driven Low, the device enters the Reset mode. In this mode, the output Q is
high impedance.
If an internal operation (Write, Erase or Program cycle) is in progress when Reset (Reset) is
driven Low, the device enters the Reset mode and any on-going Write, Program or Erase
cycle is aborted. The addressed data may be lost.
2.6
Write Protect (W)
This input signal puts the device in the Hardware Protected mode, when Write Protect (W) is
connected to VSS, causing the first 256 pages of memory to become read-only by protecting
them from write, program and erase operations. When Write Protect (W) is connected to
VCC, the first 256 pages of memory behave like the other pages of memory.


Similar Part No. - M45PE16-VMP6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
More results

Similar Description - M45PE16-VMP6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M45PE40 NUMONYX-M45PE40 Datasheet
886Kb / 46P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
M45PE80 NUMONYX-M45PE80 Datasheet
911Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
logo
STMicroelectronics
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
   2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
logo
STMicroelectronics
M45PE40 STMICROELECTRONICS-M45PE40 Datasheet
536Kb / 35P
   4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
M45PE10 STMICROELECTRONICS-M45PE10 Datasheet
426Kb / 34P
   1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com