Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M45PE16-VMW6TP Datasheet(PDF) 10 Page - Numonyx B.V

Part # M45PE16-VMW6TP
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE16-VMW6TP Datasheet(HTML) 10 Page - Numonyx B.V

Back Button M45PE16-VMW6TP Datasheet HTML 6Page - Numonyx B.V M45PE16-VMW6TP Datasheet HTML 7Page - Numonyx B.V M45PE16-VMW6TP Datasheet HTML 8Page - Numonyx B.V M45PE16-VMW6TP Datasheet HTML 9Page - Numonyx B.V M45PE16-VMW6TP Datasheet HTML 10Page - Numonyx B.V M45PE16-VMW6TP Datasheet HTML 11Page - Numonyx B.V M45PE16-VMW6TP Datasheet HTML 12Page - Numonyx B.V M45PE16-VMW6TP Datasheet HTML 13Page - Numonyx B.V M45PE16-VMW6TP Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
SPI modes
M45PE16
10/45
3
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of
the two following modes:
CPOL=0, CPHA=0
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (C), and
output data is available from the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 4, is the clock polarity when the
bus master is in Stand-by mode and not transferring data:
C remains at 0 for (CPOL=0, CPHA=0)
C remains at 1 for (CPOL=1, CPHA=1)
Figure 3.
Bus master and memory devices on the SPI bus
1.
The Write Protect (W) and Hold (HOLD) signals should be driven, High or Low as appropriate.
Figure 3 shows an example of three devices connected to an MCU, on an SPI bus. Only one
device is selected at a time, so only one device drives the Serial Data Output (Q) line at a
time, the other devices are high impedance.
The pull-up resistor R (represented in Figure 3) ensures that no device is selected if the Bus
Master leaves the S line in the high impedance state.
In applications where the Bus Master might enter a state where all inputs/outputs SPI lines
are in high impedance at the same time (for example, if the Bus Master is reset during the
transmission of an instruction), the clock line (C) must be connected to an external pull-
down resistor so that, if all inputs/outputs become high impedance, the C line is pulled Low
(while the S line is pulled High). This ensures that S and C do not become High at the same
time, and so, that the tSHCH requirement is met.
AI12836b
SPI Bus Master
SPI Memory
Device
SDO
SDI
SCK
CQD
S
SPI Memory
Device
CQD
S
SPI Memory
Device
CQD
S
CS3
CS2 CS1
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
W
HOLD
W
HOLD
W
HOLD
RR
R
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
R


Similar Part No. - M45PE16-VMW6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
More results

Similar Description - M45PE16-VMW6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M45PE40 NUMONYX-M45PE40 Datasheet
886Kb / 46P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
M45PE80 NUMONYX-M45PE80 Datasheet
911Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
logo
STMicroelectronics
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
   2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
logo
STMicroelectronics
M45PE40 STMICROELECTRONICS-M45PE40 Datasheet
536Kb / 35P
   4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
M45PE10 STMICROELECTRONICS-M45PE10 Datasheet
426Kb / 34P
   1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com