Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5333-MMYMT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5333-MMYMT
Description  Micro-Power High Performance Dual 300mA ULDO??with Dual POR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5333-MMYMT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5333-MMYMT Datasheet HTML 1Page - Micrel Semiconductor MIC5333-MMYMT Datasheet HTML 2Page - Micrel Semiconductor MIC5333-MMYMT Datasheet HTML 3Page - Micrel Semiconductor MIC5333-MMYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5333-MMYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5333-MMYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5333-MMYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5333-MMYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5333-MMYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
MIC5333
February 2008
4
M9999-021408-A
Parameter
Condition
Min
Typ
Max
Units
CSET1/CSET2 INPUT
CSET Pin Current Source
VCSET = 0V
0.8
1.4
2
µA
CSET Pin Threshold Voltage
POR = High
1.21
1.25
1.29
V
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5. Specification for packaged product only.


Similar Part No. - MIC5333-MMYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5333-MMYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
   Dual 150/300mA LDO with POR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Micrel Semiconductor
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
   LowQ Mode Dual 300mA LDO with Integrated POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com