Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3029 Datasheet(PDF) 9 Page - Applied Micro Circuits Corporation

Part # S3029
Description  SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S3029 Datasheet(HTML) 9 Page - Applied Micro Circuits Corporation

Back Button S3029 Datasheet HTML 3Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 4Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 5Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 6Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 7Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 8Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 9Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 10Page - Applied Micro Circuits Corporation S3029 Datasheet HTML 11Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
S3029
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
February 19, 1999 / Revision B
Recommended Operating Conditions
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Mt
i
n
U
)
l
a
i
r
t
s
u
d
n
i
(
s
a
i
B
r
e
d
n
u
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A0
4
-5
8
+C
°
)
l
a
i
c
r
e
m
m
o
c
(
s
a
i
B
r
e
d
n
u
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A0
0
7
+C
°
s
a
i
B
r
e
d
n
u
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J0
1
-0
3
1
+C
°
D
N
G
o
t
t
c
e
p
s
e
R
h
t
i
w
C
C
V
n
o
e
g
a
t
l
o
V4
1
.
33
.
36
4
.
3V
n
i
P
t
u
p
n
I
L
T
T
y
n
A
n
o
e
g
a
t
l
o
V0
.
0C
C
VV
n
i
P
t
u
p
n
I
L
C
E
P
y
n
A
n
o
e
g
a
t
l
o
V2
-
C
C
VC
C
VV
0
5
(
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
L
C
E
P
)
V
2
-
c
c
V
o
t4
15
2A
m
t
n
e
r
r
u
C
y
l
p
p
u
S
C
C
I
5
2
26
7
2A
m
r
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Mt
i
n
U
s
a
i
B
r
e
d
n
u
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C5
5
-5
2
1
+C
°
s
a
i
B
r
e
d
n
u
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J5
5
-0
5
1
+C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
6
-0
5
1
+C
°
D
N
G
o
t
t
c
e
p
s
e
R
h
t
i
w
C
C
V
n
o
e
g
a
t
l
o
V5
.
0
-0
.
7
+V
n
i
P
t
u
p
n
I
L
T
T
y
n
a
n
o
e
g
a
t
l
o
V5
.
0
-5
.
5
+V
n
i
P
t
u
p
n
I
L
C
E
P
y
n
a
n
o
e
g
a
t
l
o
V0
.
2
-
C
C
VC
C
VV
t
n
e
r
r
u
C
k
n
i
S
t
u
p
t
u
O
L
T
T
0
2A
m
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
L
T
T
0
1A
m
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
L
C
E
P
d
e
e
p
S
h
g
i
H
0
5A
m
e
g
a
t
l
o
V
e
g
r
a
h
c
s
i
D
c
i
t
a
t
S
0
0
5V


Similar Part No. - S3029

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S302 NKK-S302 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
Bothhand USA, LP.
S3020 BOTHHAND-S3020 Datasheet
78Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
List of Unclassifed Man...
S3020-P ETC2-S3020-P Datasheet
392Kb / 9P
   QUICK BRAID Cleaner, Faster, More Consistent
S3020-P ETC2-S3020-P Datasheet
392Kb / 9P
   DESOLDERING BRAID
S3020-S ETC2-S3020-S Datasheet
392Kb / 9P
   QUICK BRAID Cleaner, Faster, More Consistent
More results

Similar Description - S3029

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
PMC-Sierra, Inc
PM5351-1 PMC-PM5351-1 Datasheet
70Kb / 2P
   Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
   Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5343 PMC-PM5343 Datasheet
53Kb / 2P
   SONET/SDH 155 Mbit/s Transport O/H Terminating Transceiver
PM5352-1 PMC-PM5352-1 Datasheet
57Kb / 2P
   155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
PM5316 PMC-PM5316 Datasheet
53Kb / 4P
   Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
PM5316-1 PMC-PM5316-1 Datasheet
53Kb / 2P
   Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
PM5352 PMC-PM5352 Datasheet
57Kb / 2P
   155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
logo
Infineon Technologies A...
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
   Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com