Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5331-MNYMT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5331-MNYMT
Description  Micro-Power High Performance Dual 300mA ULDO?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5331-MNYMT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5331-MNYMT Datasheet HTML 1Page - Micrel Semiconductor MIC5331-MNYMT Datasheet HTML 2Page - Micrel Semiconductor MIC5331-MNYMT Datasheet HTML 3Page - Micrel Semiconductor MIC5331-MNYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5331-MNYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5331-MNYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5331-MNYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5331-MNYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5331-MNYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC5331
February 2008
4
M9999-021408-A
Typical Characteristics
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
PSRR
FREQUENCY (Hz)
50mA
300mA
VIN = 2.3V
VOUT = 1.2V
COUT = 2.2µF
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
PSRR
FREQUENCY (Hz)
50mA
300mA
VIN = 2.3V
VOUT = 1.2V
COUT = 1µF
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0
50 100 150 200 250 300
LOAD CURRENT (mA)
Dropout Voltage
vs. Load Current
VOUT = 2.8V
COUT = 1µF
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
TEMPERATURE (°C)
Dropout Voltage
vs. Temperature
VOUT = 2.8V
COUT = 1µF
-40 -20 0 20 40 60 80 100 120
100mA
10mA
50mA
300mA
20
22
24
26
28
30
32
34
36
38
40
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
VOUT1 = 2.5V
VOUT2 = 1.2V
COUT1 = 1µF
COUT2 = 1µF
IOUT1 = 300mA
IOUT2 = 300mA
Dual LDO Enabled
Single LDO Enabled
25
27
29
31
33
35
37
39
41
0
50 100 150 200 250 300
LOAD CURRENT (mA)
Ground Current
vs. Load Current
VIN = VOUT + 1V
VOUT1 = 2.5V
VOUT2 = 1.2V
COUT1 = 1µF
COUT2 = 1µF
Dual LDO Enabled
Single LDO Enabled
30
33
36
39
42
45
Ground Current
vs. Temperature
EN1 = EN2 = VIN
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
100mA
300mA
10mA
TEMPERATURE (°C)
-40 -20 0 20 40 60 80 100 120
2.800
2.804
2.808
2.812
2.816
2.820
0
50 100 150 200 250 300
LOAD CURRENT (mA)
Output Voltage
vs. Load Current
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
2.5
2.6
2.7
2.8
2.9
3.0
Output Voltage
vs. Temperature
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
TEMPERATURE (°C)
-40 -20 0 20 40 60 80 100 120
350
400
450
500
550
600
650
700
750
800
850
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
Current Limit
vs. Supply Voltage
CIN = 1µF
COUT = 1µF
0
0.2
0.4
0.6
0.8
1.2
1.0
Output Noise
Spectral Density
10
1K
10K 100K
FREQUENCY (Hz)
100
1M
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
Load = 50mA


Similar Part No. - MIC5331-MNYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5331-MNYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5333 MICREL-MIC5333 Datasheet
349Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO??with Dual POR
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
MIC5318 MICREL-MIC5318 Datasheet
321Kb / 11P
   High Performance 300mA uCap ULDO TM
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com