Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M14C16 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M14C16
Description  Memory Card IC 16/4 Kbit Serial I짼C Bus EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M14C16 Datasheet(HTML) 4 Page - STMicroelectronics

  M14C16 Datasheet HTML 1Page - STMicroelectronics M14C16 Datasheet HTML 2Page - STMicroelectronics M14C16 Datasheet HTML 3Page - STMicroelectronics M14C16 Datasheet HTML 4Page - STMicroelectronics M14C16 Datasheet HTML 5Page - STMicroelectronics M14C16 Datasheet HTML 6Page - STMicroelectronics M14C16 Datasheet HTML 7Page - STMicroelectronics M14C16 Datasheet HTML 8Page - STMicroelectronics M14C16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
M14C16, M14C04
4/13
Write Operations
Following a START condition the master sends a
Device Select code with the RW bit set to ’0’, as
shown in Table 4. The memory acknowledges it
and waits for a byte address, which provides ac-
cess to the memory area. After receipt of the ad-
dress, the memory again responds with an
acknowledge and waits for the data byte. Writing
in the memory may be inhibited if input pin WC is
taken high.
Any write command with WC=1 (during a period of
time from the START condition until the end of the
address) will not modify the memory content and
will NOT be acknowledged on data bytes, as
shown in Figure 5.
Figure 4. I2C Bus Protocol
SCL
SDA
SCL
SDA
SDA
START
CONDITION
SDA
INPUT
SDA
CHANGE
AI00792
STOP
CONDITION
1
23
7
89
MSB
ACK
START
CONDITION
SCL
1
23
7
89
MSB
ACK
STOP
CONDITION
Table 3. Device Select Code 1
Note: 1. A10, A9 and A8 correspond to the most significant bits of the memory array address word.
Device Code
Chip Enable
RW
b7
b6
b5
b4
b3
b2
b1
b0
M14C16 Select
1010
A10
A9
A8
RW
M14C04 Select
101000
A8
RW


Similar Part No. - M14C16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M14C16 STMICROELECTRONICS-M14C16 Datasheet
277Kb / 13P
   Memory Micromodules General Information for D1, D2 and C Packaging
M14C16DD STMICROELECTRONICS-M14C16DD Datasheet
14Kb / 2P
   M14C16 Die Description
More results

Similar Description - M14C16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M14256 STMICROELECTRONICS-M14256 Datasheet
111Kb / 12P
   Memory Card IC 256/128 Kbit Serial I짼C Bus EEPROM
M14C64 STMICROELECTRONICS-M14C64 Datasheet
126Kb / 14P
   Memory Card IC 64/32 Kbit Serial I짼C Bus EEPROM
M24C16-DFCU STMICROELECTRONICS-M24C16-DFCU Datasheet
563Kb / 35P
   16-Kbit serial I짼C bus EEPROM 4 balls CSP
M24C32-W STMICROELECTRONICS-M24C32-W Datasheet
385Kb / 38P
   32 Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W_12 Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24256-BW STMICROELECTRONICS-M24256-BW_12 Datasheet
410Kb / 41P
   256-Kbit serial I짼C bus EEPROM
M24C32-FDW6TP STMICROELECTRONICS-M24C32-FDW6TP Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24C08-WMN6P STMICROELECTRONICS-M24C08-WMN6P Datasheet
688Kb / 38P
   8-Kbit serial I짼C bus EEPROM
M24C16-125 STMICROELECTRONICS-M24C16-125 Datasheet
261Kb / 30P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit and 2-Kbit serial I짼C bus EEPROM
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com