Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W640GB60ZF6F Datasheet(PDF) 10 Page - Numonyx B.V

Part # M29W640GB60ZF6F
Description  64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W640GB60ZF6F Datasheet(HTML) 10 Page - Numonyx B.V

Back Button M29W640GB60ZF6F Datasheet HTML 6Page - Numonyx B.V M29W640GB60ZF6F Datasheet HTML 7Page - Numonyx B.V M29W640GB60ZF6F Datasheet HTML 8Page - Numonyx B.V M29W640GB60ZF6F Datasheet HTML 9Page - Numonyx B.V M29W640GB60ZF6F Datasheet HTML 10Page - Numonyx B.V M29W640GB60ZF6F Datasheet HTML 11Page - Numonyx B.V M29W640GB60ZF6F Datasheet HTML 12Page - Numonyx B.V M29W640GB60ZF6F Datasheet HTML 13Page - Numonyx B.V M29W640GB60ZF6F Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
Description
M29W640GH, M29W640GL, M29W640GT, M29W640GB
10/90
Figure 2.
TSOP48 connections
Table 5.
Protection granularity on the M29W640GB
Block
Kbytes/Kwords
Protection Block Group
(x8)
(x16)
0 to 7
8x 8/4(1)
Block level
000000h–00FFFFh(2)
000000h–007FFFh(2)
8 to 10
3 x 64/32
Protection Group
010000h-03FFFFh
008000h-01FFFFh
11 to 14
4 x 64/32
Protection Group
040000h-07FFFFh
020000h-03FFFFh
--
--
--
--
--
127 to 130
4 x 64/32
Protection Group
780000h-7BFFFFh
3C0000h-3DFFFFh
131 to 134
4 x 64/32
Protection Group
7C0000h–7FFFFFh
3E0000h–3FFFFFh
1.
Boot blocks.
2.
Used as the Extended Block Addresses in Extended Block mode.
DQ3
DQ9
DQ2
A6
DQ0
W
A3
RB
DQ6
A8
A9
DQ13
A17
A10
DQ14
A2
DQ12
DQ10
DQ15A–1
VCC
DQ4
DQ5
A7
DQ7
VPP/WP
A21
M29W640GT
M29W640GB
M29W640GH
M29W640GL
12
1
13
24
25
36
37
48
DQ8
A20
A19
A1
A18
A4
A5
DQ1
DQ11
G
A12
A13
A16
A11
BYTE
A15
A14
VSS
E
A0
RP
VSS
AI13695


Similar Part No. - M29W640GB60ZF6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640D STMICROELECTRONICS-M29W640D Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29W640DB STMICROELECTRONICS-M29W640DB Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1E STMICROELECTRONICS-M29W640DB70N1E Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1F STMICROELECTRONICS-M29W640DB70N1F Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1T STMICROELECTRONICS-M29W640DB70N1T Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29W640GB60ZF6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com