Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34674 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC34674
Description  High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34674 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC34674 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34674
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions VIN = 5.0V, -40°C ≤ TA ≤ 85°C, CIN = COUT = 1µF (see Figure 1), unless otherwise
noted. Typical values noted reflect the approximate parameter means at VIN = 5.0V and TA = 25°C under nominal conditions,
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Input Voltage Range(6)
VIN
4.3
10
V
VIN Pin Supply Current
Charger enabled(7)
Charger disabled
IIN
-
-
1400
300
-
350
µA
Power On Reset
Rising VIN threshold
Falling VIN threshold
VPOR
3.0
-
-
2.4
3.9
2.6
V
Over-Voltage Protection Rising Threshold
VOVP
10
11
12
V
Over-Voltage-Protection Threshold Hysteresis
VOVPHYS
-
400
-
mV
VIN-BAT Offset Voltage
Rising threshold
Falling threshold
VOS
-
1.0
-
-
60
22
mV
OUTPUT
Regulated Output Voltage
VIN = 5.0V; IBAT = 100mA; TA = 25°C
VIN = 5.0V; IBAT = 100mA; TA = -20 to 70°C
VIN = 5.0V; IBAT = 100mA; TA = -40 to 85°C
VBAT
4.190
4.183
4.179
4.20
4.20
4.20
4.210
4.217
4.221
V
Power MOSFET On Resistance
VBAT = 4.0V; IBAT = 0.5A; ICHG = 1.05A
RDS(ON)
-
265
450
m
BAT Pin Standby Current
VIN not powered or charger disabled
VIN powered and in charge completion state (average over 2
seconds)(8)
ISTDBY
-
-2.0
-
-
1.0
4.0
µA
CHARGE CURRENT
Constant-Current-Mode Charge Current Range(8)
ICHG
50
-
1050
mA
ICHG Accuracy
(8)
Tested at 650mA(9)
ICHG
92
100
108
%
Trickle-Mode Charge Current(9)
ITRKL
7.0
10
13
% ICHG
End-of-Charge (EOC) Threshold
When ICHG is set to 650mA
IEOC
52
65
78
mA
Notes
6.
Refer to the Power-on-Reset parameter for VIN turn on and turn off values.
7.
Supply current does not include the current delivered to the battery through the BAT pin.
8.
Not tested. Guaranteed by design.
9.
Tested over the temperature range -20°C
T
A 85°C


Similar Part No. - MC34674

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674AEP/R2 FREESCALE-MC34674AEP/R2 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674BEP/R2 FREESCALE-MC34674BEP/R2 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674CEP/R2 FREESCALE-MC34674CEP/R2 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674DEP/R2 FREESCALE-MC34674DEP/R2 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
More results

Similar Description - MC34674

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com