Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD38F202000ZDQ0 Datasheet(PDF) 6 Page - Numonyx B.V

Part # RD38F202000ZDQ0
Description  Wireless Flash Memory (W18/W30 SCSP)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

RD38F202000ZDQ0 Datasheet(HTML) 6 Page - Numonyx B.V

Back Button RD38F202000ZDQ0 Datasheet HTML 2Page - Numonyx B.V RD38F202000ZDQ0 Datasheet HTML 3Page - Numonyx B.V RD38F202000ZDQ0 Datasheet HTML 4Page - Numonyx B.V RD38F202000ZDQ0 Datasheet HTML 5Page - Numonyx B.V RD38F202000ZDQ0 Datasheet HTML 6Page - Numonyx B.V RD38F202000ZDQ0 Datasheet HTML 7Page - Numonyx B.V RD38F202000ZDQ0 Datasheet HTML 8Page - Numonyx B.V RD38F202000ZDQ0 Datasheet HTML 9Page - Numonyx B.V RD38F202000ZDQ0 Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
32WQ and 64WQ Family with Asynchronous RAM
Datasheet
November 2007
6
Order Number: 251407-13
32WQ and 64WQ Family with Asynchronous RAM
1.0
Introduction
This document contains information pertaining to the products in the Numonyx™
Wireless Flash Memory (W18/W30 SCSP) family with asynchronous RAM. The W18/
W30 SCSP 32WQ and 64WQ families offer a wide variety of stacked combinations that
include single flash die, two flash die, flash + PSRAM, and flash + SRAM options. This
document provides information where this SCSP family differs from the Numonyx
Wireless Flash Memory (W18/W30) discrete device.
Refer to the discrete datasheets Numonyx™ Wireless Flash Memory (W18) Datasheet
(order number 290701) and Numonyx™ Wireless Flash Memory (W30) Datasheet
(order number 290702) for flash product details not included in this SCSP datasheet.
The Numonyx Wireless Flash Memory (W18/W30 SCSP) family offers various flash plus
static RAM combinations in a common package footprint. The flash memory features
1.8 V low-power operations with flexible, multi-partition, dual-operation Read-While-
Write / Read-While-Erase, asynchronous, and synchronous reads. This SCSP device
integrates up to two flash die, and one PSRAM or SRAM die in a low-profile package
compatible with other SCSP families with QUAD+ ballout.
1.1
Nomenclature
0x
Hexadecimal prefix
0b
Binary prefix
Byte
8 bits
CFI
Common Flash Interface
CUI
Command User Interface
DU
Don’t Use
ETOX
EPROM Tunnel Oxide
FDI
Numonyx™ Flash Data Integrator (software solution)
K(noun)
1 thousand
Kb
1024 bits
KB
1024 bytes
Kword
1024 words
M (noun)
1 million
Mb
1,048,576 bits
MB
1,048,576 bytes
OTP
One-Time Programmable
PLR
Protection Lock Register
PR
Protection Register
PRD
Protection Register Data
RCR
Read Configuration Register


Similar Part No. - RD38F202000ZDQ0

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RD38F1010C0ZBL0 INTEL-RD38F1010C0ZBL0 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
RD38F1010C0ZTL0 INTEL-RD38F1010C0ZTL0 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
RD38F1020C0ZBL0 INTEL-RD38F1020C0ZBL0 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
RD38F1020C0ZTL0 INTEL-RD38F1020C0ZTL0 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
logo
Numonyx B.V
RD38F5070M0P0B NUMONYX-RD38F5070M0P0B Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
More results

Similar Description - RD38F202000ZDQ0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
logo
Intel Corporation
28F640W30 INTEL-28F640W30 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
   Intel짰 Wireless Flash Memory
logo
Rohm
BP3599 ROHM-BP3599 Datasheet
3Mb / 1P
   Wireless LAN Module with Flash Memory
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com