Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS140LT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRS140LT3
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS140LT3 Datasheet(HTML) 3 Page - ON Semiconductor

  MBRS140LT3 Datasheet HTML 1Page - ON Semiconductor MBRS140LT3 Datasheet HTML 2Page - ON Semiconductor MBRS140LT3 Datasheet HTML 3Page - ON Semiconductor MBRS140LT3 Datasheet HTML 4Page - ON Semiconductor MBRS140LT3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBRS140LT3
http://onsemi.com
3
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
Figure 5. Current Derating
Figure 6. Forward Power Dissipation
0.7
0.1
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
40
0
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
1.0E−3
100E−6
10E−6
1.0E−6
45
85
25
TL, LEAD TEMPERATURE (°C)
1.6
0.8
0.4
0
IO, AVERAGE FORWARD CURRENT (AMPS)
0.2
0.8
0
0.9
0.8
0.6
0.5
0.2
0
65
0.1
0.3
0.5
0.9
10
20
30
125
105
0.4
1.6
0.6
0.3
100
TJ = 125°C
100°C
25°C
−40 °C
0.7
0.1
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
0.1
0.3
0.5
0.9
100
TJ = 125°C
100°C
25°C
40
0
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
1.0E−3
100E−6
10E−6
1.0E−6
10
20
30
1.2
FREQ = 20 kHz
TJ = 125°C
100°C
25°C
TJ = 125°C
100°C
25°C
dc
SQUARE WAVE
Ipk/Io = p
Ipk/Io = 5.0
Ipk/Io = 10
Ipk/Io = 20
dc
SQUARE WAVE
Ipk/Io = p
Ipk/Io = 5.0
Ipk/Io = 10
Ipk/Io = 20
1.4
0.6
0.2
1.0
1.4
1.0
1.2
0.1
0.4
0.7


Similar Part No. - MBRS140LT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRS140LT3 MOTOROLA-MBRS140LT3 Datasheet
139Kb / 4P
   Surface Mount Schottky Power Rectifier(SMB Power Mount Power Package)
logo
ON Semiconductor
MBRS140LT3 ONSEMI-MBRS140LT3 Datasheet
99Kb / 8P
   Surface Mount Schottky Power Rectifier
October, 2000 ??Rev. 2
MBRS140LT3 ONSEMI-MBRS140LT3 Datasheet
69Kb / 5P
   Surface Mount Schottky Power Rectifier
October, 2007 ??Rev. 3
MBRS140LT3G ONSEMI-MBRS140LT3G Datasheet
69Kb / 5P
   Surface Mount Schottky Power Rectifier
October, 2007 ??Rev. 3
More results

Similar Description - MBRS140LT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com