Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP4280ADT-3-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP4280ADT-3-T1-E3
Description  Slew Rate Controlled Load Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4280ADT-3-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP4280ADT-3-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SIP4280ADT-3-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SIP4280ADT-3-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SIP4280ADT-3-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SIP4280ADT-3-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SIP4280ADT-3-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SIP4280ADT-3-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SIP4280ADT-3-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SIP4280ADT-3-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
SiP4280A
Document Number: 73602
S-61772–Rev. C, 11-Sep-06
www.vishay.com
1
Slew Rate Controlled Load Switch
FEATURES
• 1.5 V to 5.5 V Input Voltage range
• Very Low RDS(ON), typically 80 mΩ (5 V)
• Slew rate limited turn-on time options
- SiP4280A-1: 1 ms
- SiP4280A-3: 100 µs
• Fast shutdown load discharge option
• Low quiescent current
< 25 nA (typ)
• 4 kV ESD Rating
• 6 pin SOT23 package
APPLICATIONS
• Cellular telephones
• Digital still cameras
• Personal digital assistants (PDA)
• Hot swap supplies
• Notebook computers
• Personal communication devices
DESCRIPTION
The SiP4280A is a P-Channel MOSFET power switch
designed for high-side load switching applications. The
output pass transistor is a P-Channel MOSFET tran-
sistor with typically 80 m
Ω R
DS(ON). The SiP4280A is
available in two different versions of turn-on times. The
SiP4280A-1 version has a slew rate limited turn-on
time typically of 1 ms. The SiP4280A-3 version has a
slew rate limited turn-on time typically of 100 µs and
additionally offers a shutdown load discharge circuit to
rapidly turn off a load circuit when the switch is dis-
abled.
Both SiP4280A load switch versions operate with an
input voltage ranging from 1.5 V to 5.5 V, making them
ideal for both 3 V and 5 V applications. The SiP4280A
also features an under-voltage lock out which turns the
switch off when an input undervoltage condition exists.
Input logic levels are TTL and 2.5 V to 5.0 V CMOS
compatible. The quiescent supply current is very low,
typically 25 nA. In shutdown mode, the supply current
decreases to less than 1.0 µA.
The SiP4280A is available in a 6 pin SOT23 package
and is specified over - 40 °C to 85 °C temperature
range.
TYPICAL APPLICATION CIRCUIT
SiP4280A
1 µF
0.1 µF


Similar Part No. - SIP4280ADT-3-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4280ADT-3-T1-E3 VISHAY-SIP4280ADT-3-T1-E3 Datasheet
479Kb / 10P
   Slew Rate Controlled Load Switch
01-Jan-2022
More results

Similar Description - SIP4280ADT-3-T1-E3

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
   Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5287 GMT-G5287 Datasheet
51Kb / 1P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com