Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91245 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB91245
Description  32-bit Microcontroller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91245 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB91245_07 Datasheet HTML 1Page - Fujitsu Component Limited. MB91245_07 Datasheet HTML 2Page - Fujitsu Component Limited. MB91245_07 Datasheet HTML 3Page - Fujitsu Component Limited. MB91245_07 Datasheet HTML 4Page - Fujitsu Component Limited. MB91245_07 Datasheet HTML 5Page - Fujitsu Component Limited. MB91245_07 Datasheet HTML 6Page - Fujitsu Component Limited. MB91245_07 Datasheet HTML 7Page - Fujitsu Component Limited. MB91245_07 Datasheet HTML 8Page - Fujitsu Component Limited. MB91245_07 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
MB91245/S Series
3
■ PRODUCT LINEUP
A table below shows the product lineup of the MB91245/S series. Embedded peripheral functions which are not
listed are common functions.
MB91V245A
MB91247/S
MB91248/S
MB91F248/S
MB91F249/S
ROM/Flash size
External SRAM
128 Kbytes
256 Kbytes
256 Kbytes
512 Kbytes
RAM size
32 Kbytes
8 Kbytes
16 Kbytes
16 Kbytes
24 Kbytes
External interrupt
8 channels
DMA Controller
5 channels
8 /10-bit A/D Converter
32 channels
UART
1 channel
LIN-UART
3 channels
Stepping Motor Controller
6 channels
8 /16-bit PPG Timer
8 channels/4 channels
16-bit Reload Timer
3 channels
16-bit Free Run Timer
2 channels
16-bit Pulse Width
Counter
1 channel
Input Capture Unit
4 channels
Output Compare Unit
2 channels
LCD Controller
4 COM, 32 SEG
Sound Generator
1 channel
Real Time Clock
Yes
32 kHz Sub Clock
Yes
Yes/No (S series)
External bus
Addr 16 bits
Data 16 bits
Others
EVA device
MASK ROM product
Flash memory product
On Chip Debug Support
Unit
DSU4
C-CAN
2 channels
32-message buffer


Similar Part No. - MB91245_07

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91245 FUJITSU-MB91245 Datasheet
747Kb / 82P
   32-bit Microcontroller
More results

Similar Description - MB91245_07

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com