Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88155-110 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB88155-110
Description  Spread Spectrum Clock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88155-110 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB88155-110 Datasheet HTML 2Page - Fujitsu Component Limited. MB88155-110 Datasheet HTML 3Page - Fujitsu Component Limited. MB88155-110 Datasheet HTML 4Page - Fujitsu Component Limited. MB88155-110 Datasheet HTML 5Page - Fujitsu Component Limited. MB88155-110 Datasheet HTML 6Page - Fujitsu Component Limited. MB88155-110 Datasheet HTML 7Page - Fujitsu Component Limited. MB88155-110 Datasheet HTML 8Page - Fujitsu Component Limited. MB88155-110 Datasheet HTML 9Page - Fujitsu Component Limited. MB88155-110 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MB88155
6
■ HANDLING DEVICES
Preventing Latch-up
A latch-up can occur if, on this device, (a) a voltage higher than VDD or a voltage lower than VSS is applied to an
input or output pin or (b) a voltage higher than the rating is applied between VDD and VSS. The latch-up, if it occurs,
significantly increases the power supply current and may cause thermal destruction of an element. When you
use this device, be very careful not to exceed the maximum rating.
Handling unused pins
Do not leave an unused input pin open, since it may cause a malfunction. Handle by, using a pull-up or pull-
down resistor.
Unused output pin should be opened.
The attention when the external clock is used
Input the clock to XIN pin, and XOUT pin should be opened when you use the external clock.
Please pay attention so that an overshoot and an undershoot do not occur to an input clock of XIN pin.
Power supply pins
Please design connecting the power supply pin of this device by as low impedance as possible from the current
supply source.
We recommend connecting electrolytic capacitor (about 10
µF) and the ceramic capacitor (about 0.01 µF) in
parallel between VSS and VDD near the device, as a bypass capacitor.
Oscillation circuit
Noise near the XIN and XOUT pins may cause the device to malfunction. Design printed circuit boards so that
electric wiring of XIN or XOUT pin and the resonator do not intersect other wiring.
Design the printed circuit board that surrounds the XIN and XOUT pins with ground.


Similar Part No. - MB88155-110

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88155-110 FUJITSU-MB88155-110 Datasheet
216Kb / 24P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
MB88155-110 CYPRESS-MB88155-110 Datasheet
2Mb / 27P
   Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
More results

Similar Description - MB88155-110

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com