Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT10PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT10PW
Description  TRIPLE-3-INPUT PSITIVE-NAND GATES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT10PW Datasheet(HTML) 2 Page - Texas Instruments

  SN74ACT10PW Datasheet HTML 1Page - Texas Instruments SN74ACT10PW Datasheet HTML 2Page - Texas Instruments SN74ACT10PW Datasheet HTML 3Page - Texas Instruments SN74ACT10PW Datasheet HTML 4Page - Texas Instruments SN74ACT10PW Datasheet HTML 5Page - Texas Instruments SN74ACT10PW Datasheet HTML 6Page - Texas Instruments SN74ACT10PW Datasheet HTML 7Page - Texas Instruments SN74ACT10PW Datasheet HTML 8Page - Texas Instruments SN74ACT10PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN54ACT10, SN74ACT10
TRIPLE 3INPUT POSITIVENAND GATES
SCAS526C − AUGUST 1995 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram, each gate (positive logic)
12
1Y
1A
1B
1C
6
2Y
2A
2B
2C
8
3Y
3A
3B
3C
1
2
13
3
4
5
11
10
9
Pin numbers shown are for the D, DB, J, N, NS, PW, and W packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
SN54ACT10
SN74ACT10
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
−24
−24
mA
IOL
Low-level output current
24
24
mA
∆t/∆v
Input transition rise or fall rate
8
8
ns/V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74ACT10PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT10PW TI-SN74ACT10PW Datasheet
79Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ACT10PW TI1-SN74ACT10PW Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ACT10PWLE TI1-SN74ACT10PWLE Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN74ACT10PWR TI1-SN74ACT10PWR Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74ACT10PW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54L10 NSC-DM54L10 Datasheet
82Kb / 4P
   Triple 3-Input NAND Gates
5410 NSC-5410 Datasheet
93Kb / 4P
   Triple 3-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS10 AEROFLEX-UT54ACS10 Datasheet
230Kb / 9P
   Triple 3-Input NAND Gates
logo
Renesas Technology Corp
HD74HC10 RENESAS-HD74HC10 Datasheet
84Kb / 7P
   Triple 3-input NAND Gates
logo
Hitachi Semiconductor
HD74HC10 HITACHI-HD74HC10 Datasheet
39Kb / 7P
   Triple 3-input NAND Gates
logo
National Semiconductor ...
54LS10 NSC-54LS10 Datasheet
120Kb / 6P
   Triple 3-Input NAND Gates
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
   Triple 3-Input Positive NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com