Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT10NSR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ACT10NSR
Description  TRIPLE-3-INPUT PSITIVE-NAND GATES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT10NSR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ACT10NSR Datasheet HTML 3Page - Texas Instruments SN74ACT10NSR Datasheet HTML 4Page - Texas Instruments SN74ACT10NSR Datasheet HTML 5Page - Texas Instruments SN74ACT10NSR Datasheet HTML 6Page - Texas Instruments SN74ACT10NSR Datasheet HTML 7Page - Texas Instruments SN74ACT10NSR Datasheet HTML 8Page - Texas Instruments SN74ACT10NSR Datasheet HTML 9Page - Texas Instruments SN74ACT10NSR Datasheet HTML 10Page - Texas Instruments SN74ACT10NSR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


Similar Part No. - SN74ACT10NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT10NSR TI1-SN74ACT10NSR Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74ACT10NSR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54L10 NSC-DM54L10 Datasheet
82Kb / 4P
   Triple 3-Input NAND Gates
5410 NSC-5410 Datasheet
93Kb / 4P
   Triple 3-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS10 AEROFLEX-UT54ACS10 Datasheet
230Kb / 9P
   Triple 3-Input NAND Gates
logo
Renesas Technology Corp
HD74HC10 RENESAS-HD74HC10 Datasheet
84Kb / 7P
   Triple 3-input NAND Gates
logo
Hitachi Semiconductor
HD74HC10 HITACHI-HD74HC10 Datasheet
39Kb / 7P
   Triple 3-input NAND Gates
logo
National Semiconductor ...
54LS10 NSC-54LS10 Datasheet
120Kb / 6P
   Triple 3-Input NAND Gates
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
   Triple 3-Input Positive NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com