Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3759 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB3759
Description  Switching Regulator Controller (Switchable between push-pull and single-end functions)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3759 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB3759 Datasheet HTML 4Page - Fujitsu Component Limited. MB3759 Datasheet HTML 5Page - Fujitsu Component Limited. MB3759 Datasheet HTML 6Page - Fujitsu Component Limited. MB3759 Datasheet HTML 7Page - Fujitsu Component Limited. MB3759 Datasheet HTML 8Page - Fujitsu Component Limited. MB3759 Datasheet HTML 9Page - Fujitsu Component Limited. MB3759 Datasheet HTML 10Page - Fujitsu Component Limited. MB3759 Datasheet HTML 11Page - Fujitsu Component Limited. MB3759 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MB3759
8
■ TYPICAL CHARACTERISTICS
(Continued)
5
6
3
4
1
2
0
VREF
∆VREF
IO = 1 mA
010
20
30
40
5
0
−5
10
0
−10
−20
−25
−30
+50
0
+25
+75
+100
VCC = 15 V
IO = 1 mA
Operating ambient temperature Ta (°C)
Oscillator frequency vs. RT, CT
Maximum duty vs.
dead time control voltage
Power supply voltage VCC (V)
Reference voltage vs.
power supply voltage
Reference voltage change vs.
operating ambient temperature
VCC =15 V
CT = 470 pF
1000 pF
0.01
µF
0.1
µF
VCC = 15 V
CT = 1000 pF
RT = 30 k
Ta = 0
°C
Ta = +70
°C
1 M
500 k
200 k
100 k
50 k
20 k
10 k
5 k
2 k
1 k
2 k
5 k 10 k 20 k
100 k 200 k 500 k
RT (
Ω)
0
10
20
30
40
50
12
3
0
Ta = +25
°C
Dead time control voltage VD (V)


Similar Part No. - MB3759

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759 Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
MB3759C FUJITSU-MB3759C Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
MB3759P FUJITSU-MB3759P Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
MB3759PF FUJITSU-MB3759PF Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
More results

Similar Description - MB3759

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759 Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S-8340A25AFT-T2-X SII-S-8340A25AFT-T2-X Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540A15FN-IAAT2Z SII-S-8540A15FN-IAAT2Z Datasheet
2Mb / 36P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
E-SWITCH
PP2 E-SWITCH-PP2 Datasheet
311Kb / 1P
   PUSH-PULL OR MOMENTARY FUNCTIONS
logo
Seiko Instruments Inc
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com