Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3759 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB3759
Description  Switching Regulator Controller (Switchable between push-pull and single-end functions)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3759 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB3759 Datasheet HTML 1Page - Fujitsu Component Limited. MB3759 Datasheet HTML 2Page - Fujitsu Component Limited. MB3759 Datasheet HTML 3Page - Fujitsu Component Limited. MB3759 Datasheet HTML 4Page - Fujitsu Component Limited. MB3759 Datasheet HTML 5Page - Fujitsu Component Limited. MB3759 Datasheet HTML 6Page - Fujitsu Component Limited. MB3759 Datasheet HTML 7Page - Fujitsu Component Limited. MB3759 Datasheet HTML 8Page - Fujitsu Component Limited. MB3759 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MB3759
5
(Continued)
(VCC = 15 V, Ta = +25
°C)
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Error
amplifier
section
Input offset voltage
VIO
VO (pin3) = 2.5 V
±2
±10
mV
Input offset current
IIO
VO (pin3) = 2.5 V
±25
±250
nA
Input bias current
II
VO (pin3) = 2.5 V
−0.2
−1.0
µA
Common-mode input
voltage
VCM
7 V
VCC 40 V
−0.3
VCC
− 2V
Open-loop voltage
amplification
AV
0.5 V
VO 3.5 V
70
95
dB
Unity-gain bandwidth
BW
AV = 1
800
kHz
Common-mode
rejection ratio
CMR
VCC = 40 V
65
80
dB
Output sink
current
(pin 3)
ISINK
ISINK
-5 V
VID -15 mV,
VO = 0.7 V
0.3
0.7
mA
ISOURCE
ISOURCE
15 mV
VID 5V,
VO = 3.5 V
−2
−10
mA
Output
section
Collector leakage current
ICO
VCE = 40 V,
VCC = 40 V
——
100
µA
Emitter leakage current
IEO
VCC = VC = 40 V,
VE = 0
——
−100
µA
Collector
emitter
saturation
voltage
Emitter
grounded
VSAT(C)
VE = 0, IC = 200 mA
1.1
1.3
V
Emitter
follower
VSAT(E)
VC = 15 V,
IE =
−200 mA
—1.5
2.5
V
Output control input
current
IOPC
VI = VREF
—1.3
3.5
mA
PWM
comparator
section
Input threshold voltage
VTH
0% Duty
4
4.5
V
Input sink current (pin 3)
ISINK
VO (pin3) = 0.7 V
0.3
0.7
mA
Power supply current
ICC
V(pin4) = 2 V,
Refer to “
■ TEST
CIRCUIT”
—8—
mA
Standby current
ICCQ
V(pin6) = VREF,
I/O open
—7
12
mA
Switching
characteristics
Rise time
Emitter
grounded
tR
RL = 68
100
200
ns
Fall time
tF
RL = 68
25
100
ns
Rise time
Emitter
follower
tR
RL = 68
100
200
ns
Fall time
tF
RL = 68
40
100
ns


Similar Part No. - MB3759

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759 Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
MB3759C FUJITSU-MB3759C Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
MB3759P FUJITSU-MB3759P Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
MB3759PF FUJITSU-MB3759PF Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
More results

Similar Description - MB3759

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759 Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S-8340A25AFT-T2-X SII-S-8340A25AFT-T2-X Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540A15FN-IAAT2Z SII-S-8540A15FN-IAAT2Z Datasheet
2Mb / 36P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
E-SWITCH
PP2 E-SWITCH-PP2 Datasheet
311Kb / 1P
   PUSH-PULL OR MOMENTARY FUNCTIONS
logo
Seiko Instruments Inc
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com