Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSS6605 Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # MSS6605
Description  21/32/43/60 VOICE ROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS6605 Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button MSS6605 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS6605 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS6605 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS6605 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS6605 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS6605 Datasheet HTML 9Page - Mosel Vitelic, Corp MSS6605 Datasheet HTML 10Page - Mosel Vitelic, Corp MSS6605 Datasheet HTML 11Page - Mosel Vitelic, Corp MSS6605 Datasheet HTML 12Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
DC Characteristics at 3.0 Vdd (S6605)
MOSEL VITELIC INC.
8/27
PID248*** 08/96
MSS2105/S3205/S4305/S6605
preliminary
Specifications subject to change without notice, contact your sales representatives for the most recent information.
Symbol
I sb
I op
I iht
I iLT
I ihr
I iLr
I ohr
I oLr
I ohbs
I oLbs
I led
I ohv
I oLv
I co
V co
V ohv
V oLv
R 1
R 1
R cds
R cnt
d F/F
d F/F
Symbol
I sb
I op
I iht
I iLT
I ihr
I iLr
I ohr
I oLr
I ohbs
I oLbs
I led
I ohv
I oLv
I co
V co
V ohv
V oLv
R 1
R 1
Parameter
Standby I
Operation I
input high I
input low I
input high I
input low I
output high I
output low I
output high I
output low V
LED sink I
output high I
output low I
current o/p V
current o/p V
output high V
output low V
Oscillation R
Oscillation R
cds R
Switch contact R
Frq. stability
Frq. variation
Parameter
Standby I
Operation I
input high I
input low I
input high I
input low I
output high I
output low I
output high I
output low V
LED sink I
output high I
output low I
current o/p V
current o/p V
output high V
output low V
Oscillation R
Oscillation R
Valid
Vdd
Vdd
TG0-7
TG0-7
ROW0-6
ROW0-6
ROW0-6
ROW0-6
BS
BS
LED
Vout1,2
Vout1,2
Cout
Cout
Vout1
Vout2
Rosc
Rosc
Valid
Vdd
Vdd
TG0-7
TG0-7
ROW0-6
ROW0-6
ROW0-6
ROW0-6
BS
BS
LED
Vout1,2
Vout1,2
Cout
Cout
Vout1
Vout2
Rosc
Rosc
Min.
-5
-10
Min.
Typ.
100
5
5
-5
5
-3.5
3.5
9
-6
+6
-2.5
1.1
840
Typ.
150
10
10
-10
10
-8
8
10
-13
+13
-3.5
1.2
860
Max.
1
300
1
1
-7
+7
80
20
5
10


Similar Part No. - MSS6605

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSS6122 ETC-MSS6122 Datasheet
184Kb / 4P
   SMT Power Inductors
logo
Coilcraft lnc.
MSS6122 COILCRAFT-MSS6122 Datasheet
437Kb / 2P
   SMT Power Inductors
logo
Microchip Technology
MSS6122 MICROCHIP-MSS6122 Datasheet
1Mb / 34P
   24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
logo
Coilcraft lnc.
MSS6122 COILCRAFT-MSS6122 Datasheet
306Kb / 2P
   Shielded Power Inductors
MSS6122-103ML COILCRAFT-MSS6122-103ML Datasheet
437Kb / 2P
   SMT Power Inductors
More results

Similar Description - MSS6605

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS4305 MOSEL-MSS4305 Datasheet
7Kb / 1P
   43 Voice ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
   21 Voice ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
   32 Voice ROM
logo
Aplus Intergrated Circu...
API840N APLUS-API840N Datasheet
284Kb / 10P
   32 to 40 SEC INSTANT VOICE ROM
logo
Mosel Vitelic, Corp
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
   VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
   VOICE ROM
logo
Integrated Silicon Solu...
22C040 ISSI-22C040 Datasheet
58Kb / 11P
   32 to 40 SEC INSTANT VOICE ROM
logo
Mosel Vitelic, Corp
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
   VOICE ROM
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
   2.7 VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
   3 VOICE ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com