Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F378 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F378
Description  f16-bit Proprietary Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F378 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F378 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
DS07-16505-2Ea
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2003-2008 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2003.11
Proprietary 32-bit Microcontroller
CMOS
FR60 MB91310 Series
MB91F312A/FV310A
■ DESCRIPTION
The FR families are lines of single-chip microcontrollers based on a 32-bit high-performance RISC CPU, incor-
porating a variety of I/O resources for embedded control applications which require high CPU performance for
high-speed processing.
The FR families are best suited for embedded applications which require high-performance CPU power for
processing, such as TV and POP control.
Based on the FR30/FR40 family CPU, this FR60 family is enhanced in bus access for use in faster applications.
■ FEATURE
• FR CPU
• 32-bit RISC, load/store architecture with a five-stage pipeline
• Operating frequency: 40 MHz (using PLL at an oscillation frequency of 10 MHz)
• 16 - bit fixed length instructions (basic instructions), 1 instruction per cycle
• Instruction set optimized for embedded applications: Memory-to-memory transfer, bit manipulation, barrel shift
etc.
(Continued)
■ PACKAGE
144-pin plastic LQFP
(FTP-144P-M08)


Similar Part No. - MB90F378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F378 FUJITSU-MB90F378 Datasheet
480Kb / 65P
   16-BIT PROPRIETARY MICROCONTROLLER
MB90F378 FUJITSU-MB90F378 Datasheet
752Kb / 65P
   16-bit Proprietary Microcontroller
MB90F378PFF-GE1 FUJITSU-MB90F378PFF-GE1 Datasheet
480Kb / 65P
   16-BIT PROPRIETARY MICROCONTROLLER
MB90F378PFF-GE1 FUJITSU-MB90F378PFF-GE1 Datasheet
752Kb / 65P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com