Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5434LEZT+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5434LEZT+T
Description  32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5434LEZT+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5434LEZT+T Datasheet HTML 1Page - Maxim Integrated Products MAX5434LEZT+T Datasheet HTML 2Page - Maxim Integrated Products MAX5434LEZT+T Datasheet HTML 3Page - Maxim Integrated Products MAX5434LEZT+T Datasheet HTML 4Page - Maxim Integrated Products MAX5434LEZT+T Datasheet HTML 5Page - Maxim Integrated Products MAX5434LEZT+T Datasheet HTML 6Page - Maxim Integrated Products MAX5434LEZT+T Datasheet HTML 7Page - Maxim Integrated Products MAX5434LEZT+T Datasheet HTML 8Page - Maxim Integrated Products MAX5434LEZT+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
32-Tap, Nonvolatile, I2C, Linear, Digital
Potentiometers
_______________________________________________________________________________________
5
1.0
0.5
0
-0.5
-1.0
-40
10
-15
35
60
85
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
50k
1.0
0.5
0
-0.5
-1.0
-40
10
-15
35
60
85
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100k
1
µs/div
TAP-TO-TAP SWITCHING TRANSIENT
(0 TO MIDSCALE, CL = 10pF)
VW
1V/div
SDA
2V/div
MAX5432–35 toc06
50k
1
µs/div
TAP-TO-TAP SWITCHING TRANSIENT
(0 TO MIDSCALE, CL = 10pF)
VW
1V/div
SDA
2V/div
MAX5432–35 toc07
100k
10
µs/div
WIPER TRANSIENT AT POWER-ON
VW
1V/div
VDD
2V/div
MAX5432–35 toc08
50k
10
µs/div
MIDSCALE WIPER TRANSIENT
AT POWER-ON
VW
1V/div
VDD
2V/div
MAX5432–35 toc09
100k
MIDSCALE WIPER RESPONSE
vs. FREQUENCY
(MAX5432)
FREQUENCY (kHz)
100
10
1
-15
-12
-9
-6
-3
0
-18
0.1
1000
CW = 10pF
CW = 33pF
-18
-12
-15
-6
-3
-9
0
0.1
1
10
100
1000
MIDSCALE WIPER RESPONSE
vs. FREQUENCY (MAX5433)
FREQUENCY (kHz)
CW = 10pF
CW = 33pF
0
100
300
200
500
600
400
700
08
12
4
1620242831
WIPER RESISTANCE vs. TAP POSITION
(MAX5432)
TAP POSITION
VDD = 3V
Typical Operating Characteristics (continued)
(VDD = +5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5434LEZT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5434LEZT MAXIM-MAX5434LEZT Datasheet
371Kb / 17P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 1; 12/04
MAX5434LEZT-T MAXIM-MAX5434LEZT-T Datasheet
371Kb / 17P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 1; 12/04
More results

Similar Description - MAX5434LEZT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5432 MAXIM-MAX5432 Datasheet
371Kb / 17P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 1; 12/04
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
   32-Tap Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com