Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7219CNG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7219CNG
Description  Serially Interfaced, 8-Digit LED Display Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7219CNG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7219CNG Datasheet HTML 1Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 2Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 3Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 4Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 5Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 6Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 7Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 8Page - Maxim Integrated Products MAX7219CNG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX7219/MAX7221 are compact, serial input/out-
put common-cathode display drivers that interface
microprocessors (µPs) to 7-segment numeric LED dis-
plays of up to 8 digits, bar-graph displays, or 64 indi-
vidual LEDs. Included on-chip are a BCD code-B
decoder, multiplex scan circuitry, segment and digit
drivers, and an 8x8 static RAM that stores each digit.
Only one external resistor is required to set the seg-
ment current for all LEDs. The MAX7221 is compatible
with SPI™, QSPI™, and MICROWIRE™, and has slew-
rate-limited segment drivers to reduce EMI.
A convenient 4-wire serial interface connects to all
common µPs. Individual digits may be addressed and
updated without rewriting the entire display. The
MAX7219/MAX7221 also allow the user to select code-
B decoding or no-decode for each digit.
The devices include a 150µA low-power shutdown
mode, analog and digital brightness control, a scan-
limit register that allows the user to display from 1 to 8
digits, and a test mode that forces all LEDs on.
For applications requiring 3V operation or segment
blinking, refer to the MAX6951 data sheet.
Applications
Features
o 10MHz Serial Interface
o Individual LED Segment Control
o Decode/No-Decode Digit Selection
o 150µA Low-Power Shutdown (Data Retained)
o Digital and Analog Brightness Control
o Display Blanked on Power-Up
o Drive Common-Cathode LED Display
o Slew-Rate Limited Segment Drivers
for Lower EMI (MAX7221)
o SPI, QSPI, MICROWIRE Serial Interface (MAX7221)
o 24-Pin DIP and SO Packages
Serially Interfaced, 8-Digit LED Display Drivers
________________________________________________________________ Maxim Integrated Products
1
( ) MAX7221 ONLY
8-DIGIT
µP DISPLAY
DIG 0–DIG 7
MOSI
I/O
SCK
18
1
12
13
9
4
DIN
µP
ISET
9.53k
8 DIGITS
8 SEGMENTS
+5V
19
SEG A–G,
SEG DP
CLK
LOAD (CS)
GND
V+
GND
MAX7219
MAX7221
Typical Application Circuit
Pin Configuration
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
DOUT
SEG D
SEG DP
SEG E
GND
DIG 4
DIG 0
DIN
TOP VIEW
SEG C
V+
ISET
SEG G
DIG 7
DIG 3
DIG 2
DIG 6
16
15
14
13
9
10
11
12
SEG B
SEG F
SEG A
CLK
( ) MAX7221 ONLY
LOAD (CS)
DIG 1
DIG 5
GND
DIP/SO
MAX7219
MAX7221
19-4452; Rev 4; 7/03
PART
MAX7219CNG
MAX7219CWG
MAX7219C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
24 Narrow Plastic DIP
24 Wide SO
Dice*
Ordering Information
Ordering Information continued at end of data sheet.
*Dice are specified at TA = +25°C.
MAX7219ENG
MAX7219EWG
MAX7219ERG
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
24 Narrow Plastic DIP
24 Wide SO
24 Narrow CERDIP
SPI and QSPI are trademarks of Motorola Inc. MICROWIRE is a trademark of National Semiconductor Corp.
Bar-Graph Displays
Industrial Controllers
Panel Meters
LED Matrix Displays
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX7219CNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219CNG MAXIM-MAX7219CNG Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219CNG MAXIM-MAX7219CNG Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
More results

Similar Description - MAX7219CNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com