Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W640GT90ZA6E Datasheet(PDF) 7 Page - Numonyx B.V

Part # M29W640GT90ZA6E
Description  64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W640GT90ZA6E Datasheet(HTML) 7 Page - Numonyx B.V

Back Button M29W640GT90ZA6E Datasheet HTML 3Page - Numonyx B.V M29W640GT90ZA6E Datasheet HTML 4Page - Numonyx B.V M29W640GT90ZA6E Datasheet HTML 5Page - Numonyx B.V M29W640GT90ZA6E Datasheet HTML 6Page - Numonyx B.V M29W640GT90ZA6E Datasheet HTML 7Page - Numonyx B.V M29W640GT90ZA6E Datasheet HTML 8Page - Numonyx B.V M29W640GT90ZA6E Datasheet HTML 9Page - Numonyx B.V M29W640GT90ZA6E Datasheet HTML 10Page - Numonyx B.V M29W640GT90ZA6E Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
M29W640GH, M29W640GL, M29W640GT, M29W640GB
Description
7/90
1
Description
The M29W640G is a 64 Mbit (8Mb x8 or 4Mb x16) non-volatile memory that can be read,
erased and reprogrammed. These operations can be performed using a single low voltage
(2.7 to 3.6V) supply. On power-up the memory defaults to its Read mode.
The memory is divided into blocks that can be erased independently so it is possible to
preserve valid data while old data is erased. Program and Erase commands are written to
the Command Interface of the memory. An on-chip Program/Erase Controller simplifies the
process of programming or erasing the memory by taking care of all of the special
operations that are required to update the memory contents. The end of a program or erase
operation can be detected and any error conditions identified. The command set required to
control the memory is consistent with JEDEC standards.
The M29W640GH and M29W640GL memory array is organized into 128 uniform Blocks of
64 Kbytes each (or 32 Kwords each).
The M29W640GT and M29W640GB feature an asymmetric block architecture. The devices
have an array of 135 blocks, divided into 8 Parameter Blocks of 8 Kbytes each (or 4 Kwords
each), and 127 Main Blocks of 64 Kbytes each (or 32 Kwords each). The M29W640GT has
the Parameter Blocks at the top of the memory address space while the M29W640GB
locates the Parameter Blocks starting from the bottom.
Blocks are protected by groups to prevent accidental Program or Erase commands from
modifying the memory.
Table 3, describes the protection granularity on the M29W640GH and M29W640GL.
Table 4, and Table 5. describe the protection granularity on the M29W640GT and
M29W640GB.
The M29W640G support Asynchronous Random Read and Page Read from all blocks of
the memory array.
Chip Enable, Output Enable and Write Enable signals control the bus operation of the
memory. They allow simple connection to most microprocessors, often without additional
logic.
The VPP/WP signal is used to enable faster programming of the device. Protection from
Program/Erase operation can be obtained by holding VPP/WP to VSS:
On the M29W640GH and M29W640GL, the last and the first block is protected,
respectively.
On the M29W640GT and M29W640GB, the first two and the last two boot blocks are
protected.
The devices feature a full set of Fast Program commands to improve the programming
throughput:
2 Byte Program: it is not necessary to raise VPP/WP to 12V before issuing this
command
2 Words/4 Bytes Program: it is not necessary to raise VPP/WP to 12V before issuing
this command.
4 Words/8 Bytes Program: VPP/WP must be raised to 12V before issuing this
command.
Write to Buffer and Program, allowing to program in one shot a buffer of 16 words/32
bytes.


Similar Part No. - M29W640GT90ZA6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640D STMICROELECTRONICS-M29W640D Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29W640DB STMICROELECTRONICS-M29W640DB Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1E STMICROELECTRONICS-M29W640DB70N1E Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1F STMICROELECTRONICS-M29W640DB70N1F Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1T STMICROELECTRONICS-M29W640DB70N1T Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29W640GT90ZA6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com