Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1945R Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1945R
Description  1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1945R Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1945R Datasheet HTML 3Page - Maxim Integrated Products MAX1945R Datasheet HTML 4Page - Maxim Integrated Products MAX1945R Datasheet HTML 5Page - Maxim Integrated Products MAX1945R Datasheet HTML 6Page - Maxim Integrated Products MAX1945R Datasheet HTML 7Page - Maxim Integrated Products MAX1945R Datasheet HTML 8Page - Maxim Integrated Products MAX1945R Datasheet HTML 9Page - Maxim Integrated Products MAX1945R Datasheet HTML 10Page - Maxim Integrated Products MAX1945R Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
1MHz, 1% Accurate, 6A Internal Switch
Step-Down Regulators
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VCC = VCTL1 = VCTL2 = VDD = 3.3V, SYNC = GND, FBSEL = High-Z, VFB = 0.7V, CREF = 0.22µF, TA = -40°C to +85°C, unless
otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LX Minimum Duty Cycle
SYNC = GND,
VIN = 2.6V/3.3V
10.5
%
FBSEL
FBSEL rising
0.22
FBSEL Input Threshold 1.8V
Where 1.8V feedback
switches in and out,
VCC = 2.6V/3.3V/5.5V
FBSEL falling
0.08
V
FBSEL rising
VCC -
0.08
FBSEL Input Threshold 2.5V
Where 2.5V feedback
switches in and out,
VCC = 2.6V/3.3V/5.5V
FBSEL falling
VCC -
0.22
V
FBSEL Input Current Low
ILOW_
FBSEL
FBSEL = GND
-50
µA
FBSEL Input Current High
IHIGH_
FBSEL
FBSEL = VCC
50
µA
CTL1/CTL2
VIL_CTL_
0.4
CTL1/CTL2 Input Threshold
VIH_CTL_
VIN = 2.6V to 5.5V
1.6
V
IIL_CTL_
-1
+1
CTL1/CTL2 Input Current
IIH_CTL_
VCTL1 or VCTL2 = 0 or 5.5V, VIN = 5.5V
-1
+1
µA
Soft-Start Period
Time required for output to ramp up
2.9
4.5
ms
SYNC
SYNC Capture Range
VIN = 2.6V to 5.5V
0.4
1.2
MHz
SYNC Pulse Width
VIN = 2.6V to 5.5V
250
ns
VIL_SYNC
0.4
SYNC Input Threshold
VIH_SYNC
VIN = 2.6V to 5.5V
1.6
V
SYNC Input Current
IIL, IIH
VSYNC = 0 or 5.5V, VIN = 5.5V
-1
+1
µA
SYNCOUT
SYNCOUT Frequency Range
fSYNCOUT
VCC = 2.6V to 5.5V
0.4
1.2
MHz
VOH_
SYNCOUT
VCC -
0.4
SYNCOUT Output Voltage
VOL_
SYNCOUT
ISYNCOUT =
±1mA, VCC = 2.6V to 5.5V
0.4
V
Note 2: Specifications to -40°C are guaranteed by design, not production tested.
Note 3: When connected together, the LX output is designed to provide 6A RMS current.


Similar Part No. - MAX1945R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1945 MAXIM-MAX1945 Datasheet
158Kb / 6P
   Evaluation Kit
Rev 1; 1/03
MAX1945EVKIT MAXIM-MAX1945EVKIT Datasheet
158Kb / 6P
   Evaluation Kit
Rev 1; 1/03
More results

Similar Description - MAX1945R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8505 MAXIM-MAX8505_V01 Datasheet
220Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
2010
MAX8505 MAXIM-MAX8505 Datasheet
245Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Rev 0; 10/03
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1830 MAXIM-MAX1830 Datasheet
278Kb / 13P
   3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-2198; Rev 0; 10/01
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
   1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
   Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
logo
Anpec Electronics Corop...
APW7137 ANPEC-APW7137_13 Datasheet
474Kb / 22P
   1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com