Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W800DB45ZE1E Datasheet(PDF) 1 Page - Numonyx B.V

Part # M29W800DB45ZE1E
Description  8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W800DB45ZE1E Datasheet(HTML) 1 Page - Numonyx B.V

  M29W800DB45ZE1E Datasheet HTML 1Page - Numonyx B.V M29W800DB45ZE1E Datasheet HTML 2Page - Numonyx B.V M29W800DB45ZE1E Datasheet HTML 3Page - Numonyx B.V M29W800DB45ZE1E Datasheet HTML 4Page - Numonyx B.V M29W800DB45ZE1E Datasheet HTML 5Page - Numonyx B.V M29W800DB45ZE1E Datasheet HTML 6Page - Numonyx B.V M29W800DB45ZE1E Datasheet HTML 7Page - Numonyx B.V M29W800DB45ZE1E Datasheet HTML 8Page - Numonyx B.V M29W800DB45ZE1E Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
March 2008
Rev 10
1/52
1
M29W800DT
M29W800DB
8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block)
3 V supply flash memory
Features
Supply voltage
–VCC = 2.7 V to 3.6 V for program, erase and
read
Access times: 45, 70, 90 ns
Programming time
– 10 µs per byte/word typical
19 memory blocks
– 1 boot block (top or bottom location)
– 2 parameter and 16 main blocks
Program/erase controller
– Embedded byte/word program algorithms
Erase suspend and resume modes
– Read and program another block during
erase suspend
Unlock bypass program command
– Faster production/batch programming
Temporary block unprotection mode
Common flash interface
– 64-bit security code
Low power consumption
– Standby and automatic standby
100,000 program/erase cycles per block
Electronic signature
– Manufacturer code: 0020h
– Top device code M29W800DT: 22D7h
– Bottom device code M29W800DB: 225Bh
FBGA
TFBGA48 (ZE)
6 x 8 mm
TSOP48 (N)
12 x 20 mm
SO44 (M)
www.numonyx.com


Similar Part No. - M29W800DB45ZE1E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W800DB45ZE1E STMICROELECTRONICS-M29W800DB45ZE1E Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29W800DB45ZE1E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
   Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com