Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1218 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1218
Description  1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1218 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1218 Datasheet HTML 1Page - Maxim Integrated Products MAX1218 Datasheet HTML 2Page - Maxim Integrated Products MAX1218 Datasheet HTML 3Page - Maxim Integrated Products MAX1218 Datasheet HTML 4Page - Maxim Integrated Products MAX1218 Datasheet HTML 5Page - Maxim Integrated Products MAX1218 Datasheet HTML 6Page - Maxim Integrated Products MAX1218 Datasheet HTML 7Page - Maxim Integrated Products MAX1218 Datasheet HTML 8Page - Maxim Integrated Products MAX1218 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1.8V, Dual, 12-Bit, 210Msps ADC for
Broadband Applications
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(AVCC = OVCC = +1.8V, AGND = OGND = 0, fSAMPLE = 210MHz, differential input and differential sine-wave clock signal, 0.1µF
capacitors on REFA and REFB, internal reference, digital output differential RL = 100
Ω, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Clock Pulse-Width Low
tCL
Figure 5 (Note 3)
1.2
20.0
ns
Clock Pulse-Width High
tCH
Figure 5 (Note 3)
1.2
20.0
ns
Clock Duty Cycle
Set by clock-management circuit
25 to
75
%
Aperture Delay
tAD
Figures 5, 11
310
ps
Aperture Jitter
tAJ
Figure 11
0.15
psRMS
CLOCK INPUTS (CLKP, CLKN)
Differential Clock Input Amplitude
(Note 3)
200
500
mVP-P
Clock Input Common-Mode
Voltage
VCLKCM
1.15 ±
0.25
V
Clock Differential Input
Resistance
RCLK
TA = +25°C (Note 3)
10
±25%
k
Clock Differential Input
Capacitance
CCLK
3pF
DYNAMIC CHARACTERISTICS (at -1dBFS) (Note 4)
fIN = 10MHz
65
67.1
fIN = 65MHz
65
66.7
fIN = 100MHz
66.6
Signal-to-Noise Ratio
SNR
fIN = 200MHz
65.5
dB
fIN = 10MHz
10.5
10.9
fIN = 65MHz
10.5
10.8
fIN = 100MHz
10.8
Effective Number of Bits
ENOB
fIN = 200MHz
10.5
Bits
fIN = 10MHz
64.8
67
fIN = 65MHz
64.8
66.6
fIN = 100MHz
66.3
Signal-to-Noise Plus Distortion
SINAD
fIN = 200MHz
65.2
dB
fIN = 10MHz
72
88
fIN = 65MHz
72
83.5
fIN = 100MHz
81
Spurious-Free Dynamic Range
SFDR
fIN = 200MHz
79
dBc
fIN = 10MHz
-88
-72
fIN = 65MHz
-84
-72
fIN = 100MHz
-81
Worst Harmonic
(HD2 or HD3)
fIN = 200MHz
-79
dBc
fIN1 = 29MHz at -7dBFS
fIN2 = 31MHz at -7dBFS
87
Two-Tone Intermodulation
Distortion
TTIMD
fIN1 = 97MHz at -7dBFS
fIN2 = 100MHz at -7dBFS
83
dBc


Similar Part No. - MAX1218

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1218 MAXIM-MAX1218 Datasheet
982Kb / 21P
   On-Board LVDS/LVPECL Differential Level Translators
Rev 0; 3/06
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
   1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
MAX1218ECQ MAXIM-MAX1218ECQ Datasheet
577Kb / 21P
   1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
MAX1218EVKIT MAXIM-MAX1218EVKIT Datasheet
982Kb / 21P
   On-Board LVDS/LVPECL Differential Level Translators
Rev 0; 3/06
More results

Similar Description - MAX1218

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1217 MAXIM-MAX1217 Datasheet
336Kb / 22P
   1.8V, Dual, 12-Bit, 125Msps ADC for Broadband Applications
2005
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
   1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1215 MAXIM-MAX1215 Datasheet
332Kb / 20P
   1.8V, 12-Bit, 250Msps ADC for Broadband Applications
2006
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12 Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com