Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAR-6 Datasheet(PDF) 4 Page - Mini-Circuits

Part # MAR-6
Description  Monolithic Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MAR-6 Datasheet(HTML) 4 Page - Mini-Circuits

  MAR-6 Datasheet HTML 1Page - Mini-Circuits MAR-6 Datasheet HTML 2Page - Mini-Circuits MAR-6 Datasheet HTML 3Page - Mini-Circuits MAR-6 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Monolithic Amplifier
Page 4 of 4
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
No. Test Required
Condition
Standard
Quantity
1
Visual Inspection
Low Power Microscope
Magnification 40x
MIP-IN-0003
(MCT spec)
45 units
2
Electrical Test
Room Temperature
SCD
(MCL spec)
45 units
3
SAM Analysis
Less than 10% growth in term of
delamination
J-Std-020C
(Jedec Standard)
45 units
4
Moisture Sensitivity
Level 1
Bake at 125°C for 24 hours
Soak at 85°C/85%RH for 168 hours
Reflow 3 cycles at 260°C peak
J-Std-020C
(Jedec Standard)
45 units
Visual
Inspection
Electrical Test
SAM Analysis
Reflow 3 cycles,
260°C
Soak
85°C/85RH
168 hours
Bake at 125°C,
24 hours
Visual
Inspection
Electrical Test
SAM Analysis
Start
MSL Test Flow Chart
MAR-6+
Human Body Model (HBM): Class 1C (1000v to < 2000v) in accordance with ANSI/ESD STM 5.1 - 2001
Machine Model (MM): Class M1 ( < 100 v) in accordance with ANSI/ESD STM 5.2 - 1999
MSL Rating
Moisture Sensitivity: MSL1 in accordance with IPC/JEDEC J-STD-020C
ESD Rating


Similar Part No. - MAR-6

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MAR-6SM MINI-MAR-6SM Datasheet
209Kb / 1P
   MONOLITHIC AMPLIFIERS 50 Ohm
More results

Similar Description - MAR-6

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
   Monolithic Amplifier
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
PMA-5455 MINI-PMA-5455_15 Datasheet
399Kb / 6P
   Monolithic Amplifier
GVA-63 MINI-GVA-63 Datasheet
270Kb / 5P
   Monolithic Amplifier
LVA-123 MINI-LVA-123 Datasheet
291Kb / 5P
   Monolithic Amplifier
MNA-4W MINI-MNA-4W Datasheet
277Kb / 5P
   Monolithic Amplifier
MNA-6A MINI-MNA-6A Datasheet
275Kb / 5P
   Monolithic Amplifier
MNA-6W MINI-MNA-6W Datasheet
276Kb / 5P
   Monolithic Amplifier
PGA-105 MINI-PGA-105 Datasheet
389Kb / 5P
   Monolithic Amplifier
PMA2-43LN MINI-PMA2-43LN Datasheet
305Kb / 6P
   Monolithic Amplifier
PMA3-83LN MINI-PMA3-83LN Datasheet
244Kb / 5P
   Monolithic Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com