Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW324DB70N1 Datasheet(PDF) 9 Page - Numonyx B.V

Part # M29DW324DB70N1
Description  32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW324DB70N1 Datasheet(HTML) 9 Page - Numonyx B.V

Back Button M29DW324DB70N1 Datasheet HTML 5Page - Numonyx B.V M29DW324DB70N1 Datasheet HTML 6Page - Numonyx B.V M29DW324DB70N1 Datasheet HTML 7Page - Numonyx B.V M29DW324DB70N1 Datasheet HTML 8Page - Numonyx B.V M29DW324DB70N1 Datasheet HTML 9Page - Numonyx B.V M29DW324DB70N1 Datasheet HTML 10Page - Numonyx B.V M29DW324DB70N1 Datasheet HTML 11Page - Numonyx B.V M29DW324DB70N1 Datasheet HTML 12Page - Numonyx B.V M29DW324DB70N1 Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9/50
M29DW324DT, M29DW324DB
Figure 6. Block Addresses (x16)
Note: 1. Used as Extended Block Addresses in Extended Block mode.
2. Also see APPENDIX A., Tables 23 and 24 for a full listing of the Block Addresses.
AI05555
64 KByte or
32 KWord
000000h
007FFFh
64 KByte or
32 KWord
1F0000h
1F7FFFh
Top Boot Block (x16)
Address lines A20-A0
64 KByte or
32 KWord
0F8000h
0FFFFFh
Total of 32
Main Blocks
64 KByte or
32 KWord
100000h
107FFFh
8 KByte or
4 KWord
1FF000h
1FFFFFh
8 KByte or
4 KWord
1F8000h
1F8FFFh
Total of 31
Main Blocks
Total of 8
Parameter
Blocks (1)
Bank B
Bank A
8 KByte or
4 KWord
000000h
000FFFh
64 KByte or
32 KWord
0F8000h
0FFFFFh
Bottom Boot Block (x16)
Address lines A20-A0
8 KByte or
4 KWord
007000h
007FFFh
Total of 8
Parameter
Blocks (1)
64 KByte or
32 KWord
008000h
00FFFFh
64 KByte or
32 KWord
1F8000h
1FFFFFh
64 KByte or
32 KWord
100000h
107FFFh
Total of 31
Main Blocks
Total of 32
Main Blocks
Bank B
Bank A


Similar Part No. - M29DW324DB70N1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW324DB70N1 STMICROELECTRONICS-M29DW324DB70N1 Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
M29DW324DB70N1E STMICROELECTRONICS-M29DW324DB70N1E Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
M29DW324DB70N1F STMICROELECTRONICS-M29DW324DB70N1F Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
M29DW324DB70N1T STMICROELECTRONICS-M29DW324DB70N1T Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29DW324DB70N1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW324DT STMICROELECTRONICS-M29DW324DT Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29DW323DT NUMONYX-M29DW323DT Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW323DT STMICROELECTRONICS-M29DW323DT Datasheet
818Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com