Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W320ET90ZE1F Datasheet(PDF) 11 Page - Numonyx B.V

Part # M29W320ET90ZE1F
Description  32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W320ET90ZE1F Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M29W320ET90ZE1F Datasheet HTML 7Page - Numonyx B.V M29W320ET90ZE1F Datasheet HTML 8Page - Numonyx B.V M29W320ET90ZE1F Datasheet HTML 9Page - Numonyx B.V M29W320ET90ZE1F Datasheet HTML 10Page - Numonyx B.V M29W320ET90ZE1F Datasheet HTML 11Page - Numonyx B.V M29W320ET90ZE1F Datasheet HTML 12Page - Numonyx B.V M29W320ET90ZE1F Datasheet HTML 13Page - Numonyx B.V M29W320ET90ZE1F Datasheet HTML 14Page - Numonyx B.V M29W320ET90ZE1F Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
M29W320ET, M29W320EB
Description
11/63
Figure 4.
Block Addresses (x8)
1.
See also Appendix A: Block Addresses, Table 20 and Table 21 for a full listing of the Block Addresses.
AI09348
64 KByte or
32 KWord
000000h
00FFFFh
64 KByte or
32 KWord
3E0000h
3EFFFFh
Top Boot Block (x8)
Address lines A20-A0, DQ15A-1
64 KByte or
32 KWord
2F0000h
2FFFFFh
64 KByte or
32 KWord
300000h
30FFFFh
8 KByte or
4 KWord
3FE000h
3FFFFFh
8 KByte or
4 KWord
3F0000h
3F1FFFh
Total of 63
Main Blocks
Total of 8
Parameter
Blocks (1)
8 KByte or
4 KWord
000000h
001FFFh
64 KByte or
32 KWord
0F0000h
0FFFFFh
Bottom Boot Block (x8)
Address lines A20-A0, DQ15A-1
8 KByte or
4 KWord
00E000h
00FFFFh
Total of 8
Parameter
Blocks (1)
64 KByte or
32 KWord
010000h
01FFFFh
64 KByte or
32 KWord
3F0000h
3FFFFFh
64 KByte or
32 KWord
100000h
10FFFFh
Total of 63
Main Blocks
Note 1. Used as Extended Block Addresses in Extended Block mode.


Similar Part No. - M29W320ET90ZE1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W320ET90ZE1F STMICROELECTRONICS-M29W320ET90ZE1F Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29W320ET90ZE1F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W320DT NUMONYX-M29W320DT Datasheet
1Mb / 56P
   32 Mbit (4Mbx8 or 2Mbx16, Non-uniform Parameter Blocks, Boot Block), 3V Supply Flash memory
logo
Sharp Corporation
LH28F320S3 SHARP-LH28F320S3 Datasheet
4Mb / 50P
   32-MBIT(4MBx8/2MBx16)Smart 3 Flash MEMORY
LH28F320S5 SHARP-LH28F320S5 Datasheet
3Mb / 49P
   32-MBIT(4MBx8/2MBx16) Smart 5 Flash MEMORY
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com